Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX35 Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 148Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 144 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
144
6
Product Documentation
All related product documentation for the i.MX35 processor is located at http://www.freescale.com/imx.
7
Revision History
Table 94 shows the revision history of this document.
Table 94. i.MX35 Data Sheet Revision History
Revision
Number
Date
Substantive Change(s)
6
10/21/2009 • Added information for silicon rev. 2.1
• Updated Table 1, “Ordering Information.”
• Added Table 91, “Silicon Revision 2.1 Signal Ball Map Locations.”
• Added Table 93, “Silicon Revision 2.1 Ball Map—17 x 17, 0.8 mm Pitch.”
5
08/06/2009 • Added a line for TA = –40 to 85
oC in Table 13, “I/O Pin DC Electrical Characteristics”
• Filled in TBDs in Table 13.
• Revised Figure 15 and Table 30 by removing FCE = 0 and FCE = 1. Added footnote 3 to the table.
• Added Table 24, “AC Electrical Characteristics of DDR Type IO Pins in SDRAM Mode Max Drive
(1.8 V).”
4
04/30/2009 • Added Section 4.4, “Reset Timing.”
•In Section 4.8.2, “AC Electrical Characteristics for DDR Pins (DDR2, Mobile DDR, and SDRAM
Modes),” removed Slow Slew rate tables, relabeled Table 22, “AC Electrical Characteristics of DDR
Type IO Pins in mDDR Mode,” and Table 23, “AC Electrical Characteristics of DDR Type IO Pins in
SDRAM Mode,” to exclude mention of slew rate.
•In Section 4.9.5.2, “Wireless External Interface Module (WEIM),” modified Figure 16, “Synchronous
Memory Timing Diagram for Read Access—WSC = 1,” through Figure 21, “Muxed A/D Mode Timing
Diagram for Synchronous Read Access— WSC = 7, LBA = 1, LBN = 1, LAH = 1, OEA = 7.”
•In Section 4.9.6, “Enhanced Serial Audio Interface (ESAI) Timing Specifications,” modified
Figure 37, “ESAI Transmitter Timing,” and Figure 38, “ESAI Receiver Timing,” to remove extraneous
signals. Removed a note from Figure 37, “ESAI Transmitter Timing.”
3
03/2009
• In Section 4.3.1, “Powering Up,” reverse positions of steps 5 and 6.
2
02/2009
• Added the following parts to Table 1, “Ordering Information”: PCIMX357CVM5B,
MCIMX353CVM5B, MCIMX353DVM5B, MCIMX357CVM5B, and MCIMX357DVM5B. Throughout
consumer data sheet: Removed or updated information related to Media Local Bus
interface.Updated Section 4.3.1, “Powering Up.”
• Updated values in Table 9, “i.MX35 Power Modes.”
1
12/2008
• Updated Section 4.3.1, “Powering Up.”
• Section 4.7, “Module-Level AC Electrical Specifications”: Updated NFC, SDRAM and mDDR
SDRAM timing. Inserted DDR2 SDRAM timing.
0
10/2008
Initial public release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com