Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 134 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 130Page - ATMEL Corporation ATmega16HVB Datasheet HTML 131Page - ATMEL Corporation ATmega16HVB Datasheet HTML 132Page - ATMEL Corporation ATmega16HVB Datasheet HTML 133Page - ATMEL Corporation ATmega16HVB Datasheet HTML 134Page - ATMEL Corporation ATmega16HVB Datasheet HTML 135Page - ATMEL Corporation ATmega16HVB Datasheet HTML 136Page - ATMEL Corporation ATmega16HVB Datasheet HTML 137Page - ATMEL Corporation ATmega16HVB Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 273 page
background image
134
8042A–AVR–07/09
ATmega16HVB/32HVB
23.6
Register Description
23.6.1
ROCR – Regulator Operating Condition Register
• Bit 7 - ROCS: ROC Status
This bit is set when the Voltage Regulator operates in the Battery Pack Short mode, and cleared
otherwise.
• Bit 6:5 - Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 4 - ROCD: ROC Disable
Setting this bit will disable the Battery Pack Short Detector and VFET will never be disconnected
from the LDO Regulator.
Note that it is NOT recommended to disable the Battery Pack Short Detector by setting the
ROCD bit unless VFET protection is implemented externally.
• Bit 3:2 - Res: reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 1 - ROCWIF: ROC Warning Interrupt Flag
The ROCWIF Flag is set when the Voltage Regulator enters the Battery Pack Short mode. The
flag is cleared by writing logic one to it or by hardware, by executing the corresponding interrupt
handling vector.
• Bit 0 - ROCWIE: ROC Warning Interrupt Enable
The ROCWIE bit enables interrupt caused by the Regulator Operating Condition Warning inter-
rupt flag.
Bit
765
4321
0
(0xC8)
ROCS
-
-
ROCD
-
-
ROCWIF
ROCWIE
ROCR
Read/Write
R
R
R
R/W
R
R
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com