Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 130 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 130 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 126Page - ATMEL Corporation ATmega16HVB Datasheet HTML 127Page - ATMEL Corporation ATmega16HVB Datasheet HTML 128Page - ATMEL Corporation ATmega16HVB Datasheet HTML 129Page - ATMEL Corporation ATmega16HVB Datasheet HTML 130Page - ATMEL Corporation ATmega16HVB Datasheet HTML 131Page - ATMEL Corporation ATmega16HVB Datasheet HTML 132Page - ATMEL Corporation ATmega16HVB Datasheet HTML 133Page - ATMEL Corporation ATmega16HVB Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 273 page
background image
130
8042A–AVR–07/09
ATmega16HVB/32HVB
22.3
Operation
The Charger Detect module is supplied directly from the VFET pin. When operating, the Charger
Detect will monitor the voltage of the BATT pin and detect whether a charger is present or not.
When the voltage on the BATT pin is above the Charger Detect Threshold level V
POT (”Electrical
Characteristics” on page 228) the CHARGER_PRESENT signal will be high. This signal is edge
detected to generate interrupt when a charger is connected or disconnected.
The Charger Detect module will operate as long as the Discharge FET is disabled and is able to
detect a charger in all sleep modes including Power-off.
22.3.1
Device operating state
The Charger Detect module controls the operating state of the ATmega16HVB/32HVB by
enabling/disabling the Voltage Regulator, which supplies the rest of the internal logic on the
chip.
If the chip is in Power-off state the Charger Detect will keep the Voltage Regulator disabled
allowing only the Charger Detect module itself to operate. To be able to start from a Power-off
state a charge voltage above V
POT has to be applied at the BATT pin. When a charger is con-
nected the Charger Detect module will automatically start the Voltage Regulator. When the
VREG voltage rises, a Power-on Reset (POR) is given and the chip enters normal operating
mode after a reset delay corresponding to T
TOUT. For details on POR, see ”Power-on Reset and
Charger Connect” on page 43.
When the ATmega16HVB/32HVB is running in normal operation mode software or hardware
could take the chip into Power-off state. For details on entering power-off by software, see
”Power-off Mode” on page 38. To protect the device against software malfunctions the
ATmega16HVB/32HVB has a Black-out Detector (BLOD). When a Black-out condition occurs
the Charger Detect will take the chip automatically into Power-off. For details on Black-out
Detection, see ”Voltage Regulator” on page 132.
Note that after a software power-off the BATT pin voltage has to fall below the Charger Detect
threshold limit, VPOT, before the chip is able to re-enable the Voltage Regulator and start-up the
device.
22.3.2
Interrupt logic
When the ATmega16HVB/32HVB is running in normal operation mode, the Charger Detect is
capable of giving an interrupt to the CPU if a charger is connected/disconnected or both. Inter-
rupt is enabled/disabled by writing to the CHGDIE bit in the ”CHGDCSR - Charger Detect
Control and Status Register” on page 131.
Interrupt is given when a charger is connected, disconnected or both depending on interrupt
sense control settings. Selecting the correct interrupt sensing is done by writing to the CHGDISC
bits in the ”CHGDCSR - Charger Detect Control and Status Register” on page 131.
Charger Detect interrupt works asynchronous and will wake the CPU from any sleep mode.
The Charger Detect is automatically disabled/enabled when changing the state of the Discharge
FET, and any interrupt that occurs when enabling or disabling the Discharge FET has to be
carefully interpreted.
•
When enabling the Discharge-FET the Charger Detect module is automatically disabled.
When disabling the charger detect module a charger appear to be disconnected even if a
charger is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com