Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 127 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 123Page - ATMEL Corporation ATmega16HVB Datasheet HTML 124Page - ATMEL Corporation ATmega16HVB Datasheet HTML 125Page - ATMEL Corporation ATmega16HVB Datasheet HTML 126Page - ATMEL Corporation ATmega16HVB Datasheet HTML 127Page - ATMEL Corporation ATmega16HVB Datasheet HTML 128Page - ATMEL Corporation ATmega16HVB Datasheet HTML 129Page - ATMEL Corporation ATmega16HVB Datasheet HTML 130Page - ATMEL Corporation ATmega16HVB Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 273 page
background image
127
8042A–AVR–07/09
ATmega16HVB/32HVB
Figure 21-2.
21.6.3
BGCSR - Bandgap control and Status Register
• Bits 7:6 - Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 5 -BGD: Bandgap Disable
Setting this bit to one will disable the bandgap voltage reference. This bit must be cleared (zero)
before enabling Cell Balancing, CC-ADC, V-ADC or Battery Protection, and must remain unset
(zero) while either of these modules are enabled. Note that after clearing this bit, a settling time
is required before the voltage is stable, see ”Bandgap Buffer Settling Time” on page 125.
• Bit 4 - BGSCDE: Bandgap Short Circuit Detection Enabled
Setting this bit to one will enable the bandgap Short Circuit Detector. This bit should be cleared if
the BGD bit in the BGCSR is set to one to avoid false setting of the BGSCDIF bit.
• Bits 3:2 - Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 1 - BGSCDIF: Bandgap Short Circuit Detection Interrupt Flag
The bit is set when the Bandgap Short Circuit Detector is enabled and buffered bandgap refer-
ence is different from the unbuffered Bandgap reference. The BGSCDIF is cleared by hardware
when executing the corresponding interrupt handling vector. Alternatively, BGSCDIF is cleared
by writing a logic one to its bit position.
Bit
7
6
5
4
3
2
1
0
(0xD2)
-
-
BGD
BGSCDE
-
-
BGSCDIF
BGSCDIE
BGCSR
Read/Write
R
R
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com