Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 126 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 122Page - ATMEL Corporation ATmega16HVB Datasheet HTML 123Page - ATMEL Corporation ATmega16HVB Datasheet HTML 124Page - ATMEL Corporation ATmega16HVB Datasheet HTML 125Page - ATMEL Corporation ATmega16HVB Datasheet HTML 126Page - ATMEL Corporation ATmega16HVB Datasheet HTML 127Page - ATMEL Corporation ATmega16HVB Datasheet HTML 128Page - ATMEL Corporation ATmega16HVB Datasheet HTML 129Page - ATMEL Corporation ATmega16HVB Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 273 page
background image
126
8042A–AVR–07/09
ATmega16HVB/32HVB
21.6
Register Description
21.6.1
BGCCR - Bandgap Calibration C Register
• Bits 7:6 - Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 5:0 - BGCC5:0: BG Calibration of PTAT Current
These bits are used for trimming of the nominal value of the bandgap reference voltage. These
bits are binary coded. Minimum VREF: 000000, maximum VREF: 111111. Step size is approxi-
mately 2 mV.
21.6.2
BGCRR - Bandgap Calibration R Register
• Bit 7:0 - BGCR7:0: BG Calibration of Resistor ladder
These bits are used for temperature gradient adjustment of the bandgap reference. Figure 21-2
illustrates VREF as a function of temperature. VREF has a positive temperature coefficient at
low temperatures and negative temperature coefficient at high temperatures. Depending on the
process variations, the top of the VREF curve may be located at higher or lower temperatures.
To minimize the temperature drift in the temperature range of interest, BGCRR is used to adjust
the top of the curve towards the centre of the temperature range of interest. The BGCRR bits are
thermometer coded, resulting in 9 possible settings: 00000000, 00000001, 00000011,
00000111, … , 11111111. The value 00000000 shifts the top of the VREF curve to the highest
possible temperature, and the value 11111111 shifts the top of the VREF curve to the lowest
possible temperature.
Bit
7
6
5
4
3
2
1
0
(0xD0)
-
-
BGCC5
BGCC4
BGCC3
BGCC2
BGCC1
BGCC0
BGCCR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
(0xD1)
BGCR7
BGCR6
BGCR5
BGCR4
BGCR3
BGCR2
BGCR1
BGCR0
BGCRR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com