Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 199 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 199 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 195Page - ATMEL Corporation ATmega16HVB Datasheet HTML 196Page - ATMEL Corporation ATmega16HVB Datasheet HTML 197Page - ATMEL Corporation ATmega16HVB Datasheet HTML 198Page - ATMEL Corporation ATmega16HVB Datasheet HTML 199Page - ATMEL Corporation ATmega16HVB Datasheet HTML 200Page - ATMEL Corporation ATmega16HVB Datasheet HTML 201Page - ATMEL Corporation ATmega16HVB Datasheet HTML 202Page - ATMEL Corporation ATmega16HVB Datasheet HTML 203Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 273 page
background image
199
8042A–AVR–07/09
ATmega16HVB/32HVB
29.8.8
Reading the Fuse and Lock Bits from Software
It is possible to read both the Fuse and Lock bits from software. To read the Lock bits, load the
Z-pointer with 0x0001 and set the LBSET and SPMEN bits in SPMCSR. When an LPM instruc-
tion is executed within three CPU cycles after the LBSET and SPMEN bits are set in SPMCSR,
the value of the Lock bits will be loaded in the destination register. The LBSET and SPMEN bits
will auto-clear upon completion of reading the Lock bits. When LBSET and SPMEN are cleared,
LPM will work as described in the ”AVR Instruction Set” description.
The algorithm for reading the Fuse Low byte is similar to the one described above for reading
the Lock bits. To read the Fuse Low byte, load the Z-pointer with 0x0000 and set the LBSET and
SPMEN bits in SPMCSR. When an LPM instruction is executed within three cycles after the
LBSET and SPMEN bits are set in the SPMCSR, the value of the Fuse Low byte (FLB) will be
loaded in the destination register as shown below. Refer to Table 30-4 on page 210 for a
detailed description and mapping of the Fuse Low byte.
Similarly, when reading the Fuse High byte, load 0x0003 in the Z-pointer. When an LPM instruc-
tion is executed within three cycles after the LBSET and SPMEN bits are set in the SPMCSR,
the value of the Fuse High byte (FHB) will be loaded in the destination register as shown below.
Refer to Table 30-3 on page 209 for detailed description and mapping of the Fuse High byte.
Fuse and Lock bits that are programmed, will be read as zero. Fuse and Lock bits that are
unprogrammed, will be read as one.
29.8.9
Reading the Signature Row from Software
To read the Signature Row from software, load the Z-pointer with the signature byte address
given in Table 29-3 and set the SIGRD and SPMEN bits in SPMCSR. When an LPM instruction
is executed within three CPU cycles after the SIGRD and SPMEN bits are set in SPMCSR, the
signature byte value will be loaded in the destination register. The SIGRD and SPMEN bits will
auto-clear 6 cycles after writing to SPMCSR, which is locked for further writing during these
cycles. When SIGRD and SPMEN are cleared, LPM will work as described in the Instruction set
Manual
Bit
76543210
Rd
–
–
BLB12
BLB11
BLB02
BLB01
LB2
LB1
Bit
765
4
321
0
Rd
FLB7
FLB6
FLB5
FLB4
FLB3
FLB2
FLB1
FLB0
Bit
7
6
5
4
321
0
Rd
FHB7
FHB6
FHB5
FHB4
FHB3
FHB2
FHB1
FHB0
Table 29-3.
Signature Row Addressing.
Signature Byte Description
Z-Pointer Address
Device ID 0, Manufacture ID
00H
Device ID 1, Flash Size
02H
Device ID 2, Device
04H
FOSCCAL(1)
01H
FOSC SEGMENT(2)
03H
Reserved
05H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com