Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 200 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 200 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 196Page - ATMEL Corporation ATmega16HVB Datasheet HTML 197Page - ATMEL Corporation ATmega16HVB Datasheet HTML 198Page - ATMEL Corporation ATmega16HVB Datasheet HTML 199Page - ATMEL Corporation ATmega16HVB Datasheet HTML 200Page - ATMEL Corporation ATmega16HVB Datasheet HTML 201Page - ATMEL Corporation ATmega16HVB Datasheet HTML 202Page - ATMEL Corporation ATmega16HVB Datasheet HTML 203Page - ATMEL Corporation ATmega16HVB Datasheet HTML 204Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 273 page
background image
200
8042A–AVR–07/09
ATmega16HVB/32HVB
Notes:
1. Default FOSCCAL value after reset.
SLOW RC Period L
06H
SLOW RC Period H(3)
07H
SLOW RC Temp Prediction L
08H
SLOW RC Temp Prediction H(4)
09H
ULP RC FRQ(5)
0AH
SLOW RC FRQ(6)
0BH
ULP RC Temp Prediction Coefficient L
OCH
ULP RC Temp Prediction Coefficient H(7)
ODH
ULP RC Period L
OEH
ULP RC Period H(8)
OFH
BGCRR Calibration Byte
10H
BGCCR Calibration Byte
11H
Reserved
12H:17H
VPTAT CAL L
18H
VPTAT CAL H(9)
19H
V-ADC Cell1 Gain Calibration Word L
1AH
V-ADC Cell1 Gain Calibration Word H(10)
1BH
V-ADC Cell2 Gain Calibration Word L
1CH
V-ADC Cell2 Gain Calibration Word H(10)
1DH
V-ADC Cell3 Gain Calibration Word L
1EH
V-ADC Cell3 Gain Calibration Word H(10)
1FH
V-ADC Cell4 Gain Calibration Word L
20H
V-ADC Cell4 Gain Calibration Word H(10)
21H
V-ADC Cell1 Offset(11)
22H
V-ADC Cell2 Offset(11)
23H
V-ADC Cell3 Offset(11)
24H
V-ADC Cell4 Offset(11)
25H
V-ADC0 Gain Calibration Word L
26H
V-ADC0 Gain Calibration Word H(12)
27H
V-ADC1 Gain Calibration Word L
28H
V-ADC1 Gain Calibration Word H(13)
29H
V-ADC ADC0 Offset(14)
2AH
V-ADC ADC1 Offset(14)
2BH
Reserved
2CH:2FH
THOT
(15)
30H
Table 29-3.
Signature Row Addressing. (Continued)
Signature Byte Description
Z-Pointer Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com