Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 204 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 204 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 200Page - ATMEL Corporation ATmega16HVB Datasheet HTML 201Page - ATMEL Corporation ATmega16HVB Datasheet HTML 202Page - ATMEL Corporation ATmega16HVB Datasheet HTML 203Page - ATMEL Corporation ATmega16HVB Datasheet HTML 204Page - ATMEL Corporation ATmega16HVB Datasheet HTML 205Page - ATMEL Corporation ATmega16HVB Datasheet HTML 206Page - ATMEL Corporation ATmega16HVB Datasheet HTML 207Page - ATMEL Corporation ATmega16HVB Datasheet HTML 208Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 273 page
background image
204
8042A–AVR–07/09
ATmega16HVB/32HVB
29.8.13
ATmega16HVB Boot Loader Parameters
In Table 29-5 through Table 29-7, the parameters used in the description of the Self-Program-
ming are given
Note:
1. The different BOOTSZ Fuse configurations are shown in Figure 29-2
Note:
1. For details about these two section, see ”NRWW – No Read-While-Write Section” on page
192 and ”RWW – Read-While-Write Section” on page 192.
Table 29-5.
Boot Size Configuration(1)
1
1
256 words
4
0x0000 - 0x1EFF
0x1F00 - 0x1FFF
0x1EFF
0x1F00
1
0
512 words
8
0x0000 - 0x1DFF
0x1E00 - 0x1FFF
0x1DFF
0x1E00
0
1
1024 words
16
0x0000 - 0x1BFF
0x1C00 - 0x1FFF
0x1BFF
0x1C00
0
0
2048 words
32
0x0000 - 0x17FF
0x1800 - 0x1FFF
0x17FF
0x1800
Table 29-6.
Read-While-Write Limit
(1)
Section
Pages
Address
Read-While-Write section (RWW)
96
0x0000 - 0x17FF
No Read-While-Write section (NRWW)
32
0x1800 - 0x1FFF
Table 29-7.
Explanation of different variables used in Figure 29-3 on page 196 and the map-
ping to the Z-pointer
(1)
Variable
Corresponding
Z-value
Description
PCMSB
12
Most significant bit in the Program Counter. (The
Program Counter is 13 bits PC[12:0])
PAGEMSB
5
Most significant bit which is used to address the
words within one page (64 words in a page requires
six bits PC [5:0]).
ZPCMSB
Z13
Bit in Z-register that is mapped to PCMSB. Because
Z0 is not used, the ZPCMSB equals PCMSB + 1.
ZPAGEMSB
Z6
Bit in Z-register that is mapped to PCMSB. Because
Z0 is not used, the ZPAGEMSB equals PAGEMSB +
1.
PCPAGE
PC[12:6]
Z12:Z7
Program Counter page address: Page select, for
Page Erase and Page Write
PCWORD
PC[5:0]
Z6:Z1
Program Counter word address: Word select, for
filling temporary buffer (must be zero during Page
Write operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com