Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 211 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 207Page - ATMEL Corporation ATmega16HVB Datasheet HTML 208Page - ATMEL Corporation ATmega16HVB Datasheet HTML 209Page - ATMEL Corporation ATmega16HVB Datasheet HTML 210Page - ATMEL Corporation ATmega16HVB Datasheet HTML 211Page - ATMEL Corporation ATmega16HVB Datasheet HTML 212Page - ATMEL Corporation ATmega16HVB Datasheet HTML 213Page - ATMEL Corporation ATmega16HVB Datasheet HTML 214Page - ATMEL Corporation ATmega16HVB Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 273 page
background image
211
8042A–AVR–07/09
ATmega16HVB/32HVB
30.4
Calibration Bytes
The ATmega16HVB/32HVB has calibration bytes for the RC Oscillators, internal voltage refer-
ence, internal temperature reference and each differential cell voltage input. These bytes reside
in the signature address space. See ”Reading the Signature Row from Software” on page 199
for details.
30.5
Page Size
30.6
Serial Programming
Both the Flash and EEPROM memory arrays can be programmed using the serial SPI bus while
RESET is pulled to GND. The serial interface consists of pins SCK, MOSI (input) and MISO (out-
put). After RESET is set low, the Programming Enable instruction needs to be executed first
before program/erase operations can be executed. NOTE, in Table 30-10 on page 212, the pin
mapping for SPI programming is listed. Not all parts use the SPI pins dedicated for the internal
SPI interface.
Table 30-6.
No. of Words in a Page and No. of Pages in the Flash, ATmega16HVB
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
8K words (16K bytes)
64 words
PC[5:0]
128
PC[12:6]
12
Table 30-7.
No. of Words in a Page and No. of Pages in the Flash, ATmega32HVB
Flash Size
Page Size
PCWORD
No. of Pages
PCPAGE
PCMSB
16K words (32K bytes)
64 words
PC[5:0]
256
PC[13:6]
13
Table 30-8.
No. of Words in a Page and No. of Pages in the EEPROM, ATmega16HVB
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
512 bytes
4 bytes
EEA[1:0]
128
EEA[8:2]
8
Table 30-9.
No. of Words in a Page and No. of Pages in the EEPROM, ATmega32HVB
EEPROM Size
Page Size
PCWORD
No. of Pages
PCPAGE
EEAMSB
1K bytes
4 bytes
EEA[1:0]
256
EEA[9:2]
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com