Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 212 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 212 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 208Page - ATMEL Corporation ATmega16HVB Datasheet HTML 209Page - ATMEL Corporation ATmega16HVB Datasheet HTML 210Page - ATMEL Corporation ATmega16HVB Datasheet HTML 211Page - ATMEL Corporation ATmega16HVB Datasheet HTML 212Page - ATMEL Corporation ATmega16HVB Datasheet HTML 213Page - ATMEL Corporation ATmega16HVB Datasheet HTML 214Page - ATMEL Corporation ATmega16HVB Datasheet HTML 215Page - ATMEL Corporation ATmega16HVB Datasheet HTML 216Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 273 page
background image
212
8042A–AVR–07/09
ATmega16HVB/32HVB
Figure 30-1. Serial Programming and Verify.
When programming the EEPROM, an auto-erase cycle is built into the self-timed programming
operation (in the Serial mode ONLY) and there is no need to first execute the Chip Erase
instruction. The Chip Erase operation turns the content of every memory location in both the
Program and EEPROM arrays into 0xFF.
Depending on OSCSEL Fuses, a valid clock must be present. The minimum low and high peri-
ods for the serial clock (SCK) input are defined as follows:
Low: > 2.2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck >= 12 MHz
High: > 2.2 CPU clock cycles for f
ck < 12 MHz, 3 CPU clock cycles for fck >= 12 MHz
30.6.1
Serial Programming Algorithm
When writing serial data to the ATmega16HVB/32HVB, data is clocked on the rising edge of
SCK.
When reading data from the ATmega16HVB/32HVB, data is clocked on the falling edge of SCK.
See ”Serial Programming Characteristics” on page 237 for timing details.
To program and verify the ATmega16HVB/32HVB in the Serial Programming mode, the follow-
ing sequence is recommended (see four byte instruction formats in Table 30-12 on page 214):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. In some sys-
tems, the programmer can not guarantee that SCK is held low during power-up. In this
Table 30-10. Pin Mapping Serial Programming
Symbol
Pins
I/O
Description
SCK
PB5
I
Serial Clock
MOSI
PB6
I
Serial Data in
MISO
PB7
O
Serial Data out
VCC
GND
SCK
MISO
MOSI
RESET
+3.3 - 4.5V
VCC
GND
SCK
MISO
MOSI
RESET
+3.3 - 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com