Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 244 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 244 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 240Page - ATMEL Corporation ATmega16HVB Datasheet HTML 241Page - ATMEL Corporation ATmega16HVB Datasheet HTML 242Page - ATMEL Corporation ATmega16HVB Datasheet HTML 243Page - ATMEL Corporation ATmega16HVB Datasheet HTML 244Page - ATMEL Corporation ATmega16HVB Datasheet HTML 245Page - ATMEL Corporation ATmega16HVB Datasheet HTML 246Page - ATMEL Corporation ATmega16HVB Datasheet HTML 247Page - ATMEL Corporation ATmega16HVB Datasheet HTML 248Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 273 page
background image
244
8042A–AVR–07/09
ATmega16HVB/32HVB
Figure 33-7. Idle Supply Current vs. V
VFET, Internal RC Oscillator, 2 MHz.
Figure 33-8. Idle Supply Current vs. V
VFET, Internal RC Oscillator, 1 MHz.
85 °C
25 °C
-40 °C
0.28
0.284
0.288
0.292
0.296
0.3
0.304
0.308
46
8
10
12
14
16
18
20
VVFET [V]
85 °C
25 °C
-40 °C
0.205
0.209
0.213
0.217
0.221
0.225
46
8
10
12
14
16
18
20
VVFET [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com