Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 248 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 248 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 244Page - ATMEL Corporation ATmega16HVB Datasheet HTML 245Page - ATMEL Corporation ATmega16HVB Datasheet HTML 246Page - ATMEL Corporation ATmega16HVB Datasheet HTML 247Page - ATMEL Corporation ATmega16HVB Datasheet HTML 248Page - ATMEL Corporation ATmega16HVB Datasheet HTML 249Page - ATMEL Corporation ATmega16HVB Datasheet HTML 250Page - ATMEL Corporation ATmega16HVB Datasheet HTML 251Page - ATMEL Corporation ATmega16HVB Datasheet HTML 252Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 273 page
background image
248
8042A–AVR–07/09
ATmega16HVB/32HVB
33.3
Battery Protection Characteristics
Figure 33-14. Battery Protection Level
33.4
Clock Characteristics
33.4.1
Fast RC Oscillator characteristics
Figure 33-15. Fast RC Oscillator Frequency vs. Temperature (After factory calibration)
10
60
110
160
210
260
310
Max
TYP(25 °C)
F3 F4 F5 F6 F7 F8 F9 FA FB FC FD 77 78 79 7A 7B 7C 7D 37 38 39 3A 3B 3C 3D 17
Min
Register Value
7.75
7.8
7.85
7.9
7.95
8
8.05
8.1
-40
-30
-20
-10
0
10
20
30
40
50
60
70
8090
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com