Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 101 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 101 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 97Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 98Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 99Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 100Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 159 page
background image
ST7713
Ver 1.6
2008-05
101
10.2 Panel Function Command List and Description
Table 10.2.1 Panel Function Command List (1)
Instruction Refer D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Hex) Function
0
↑
1
-
1
0
1
1
0
0
0
0
(B0h)
Set RGB signal
control
RGBCTR
10.2.1
1
↑
1
-
0
0
DISSW
ICM
DP
EP
HSP
VSP
ICM: RGB data
ascess select DW
RGB interface bus
width set DP, HSP,
VSP: PCLK, HS, VS
polarity set
0
↑
1
-
1
0
1
1
0
0
0
1
(B1h)
In normal mode (Full
colors)
1
↑
1
-
RTNA3 RTNA2 RTNA1 RTNA0
1
↑
1
-
FPA3
FPA2
FPA1
FPA0
FRMCTR1 10.2.2
1
↑
1
-
BPA3
BPA2
BPA1
BPA0
RTNA set 1-line
period
FPA: front porch
BPA: back porch
0
↑
1
-
1
0
1
1
0
0
1
0
(B2h)
In Idle mode
(8-colors)
1
↑
1
-
RTNB3 RTNB2 RTNB1 RTNB0
1
↑
1
-
FPB3
FPB2
FPB1
FPB0
FRMCTR2 10.2.3
1
↑
1
-
BPB3
BPB2
BPB1
BPB0
RTNB: set 1-line
period
FPB: front porch
BPB: back porch
0
↑
1
-
1
0
1
1
0
0
1
1
(B3h)
In partial mode + Full
colors
1
↑
1
-
RTNC3 RTNC2 RTNC1 RTNC0
1
↑
1
-
FPC3
FPC2
FPC1
FPC0
1
↑
1
-
BPC3
BPC2
BPC1
BPC0
1
↑
1
-
RTND3 RTND2 RTND1 RTND0
1
↑
1
-
FPD3
FPD2
FPD1
FPD0
FRMCTR3 10.2.4
1
↑
1
-
BPD3
BPD2
BPD1
BPD0
RTNC,RTND: set
1-line period
FPC,FPD: front porch
BPC,BPD: back porch
0
↑
1
-
1
0
1
1
0
1
0
0
(B4h)
Display inversion
control
INVCTR
10.2.5
1
↑
1
-
0
0
0
0
0
NLA
NLB
NLC
NLA,NLB,NLC set
inversion
0
↑
1
-
1
0
1
1
0
1
0
1
(B5h)
RGB I/F Blanking
porch setting
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
VBP7 VBP6
VBP5
VBP4
VBP3
VBP2
VBP1
VBP0
1
↑
1
-
-
-
-
-
-
-
-
HBP8
RGB
PRCTR
10.2.6
1
↑
1
-
HBP7 HBP6 HBP5 HBP4 HBP3
HBP2
HBP1
HBP0
0
↑
1
-
1
0
1
1
0
1
1
0
(B6h)
Display function
setting
1
↑
1
-
0
0
NO1
NO0
SDT1
SDT0
EQ1
EQ0
DISSET5
10.2.7
1
↑
1
0
0
0
0
PTG1
PTG0
PT1
PT0
NO: the amount of
non-overlap
SDT: set amount of
source delay
EQ: set EQ period
PT: No display area
source/VCOM/Gate
output control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com