Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 105 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 105 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 101Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 102Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 103Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 159 page
background image
ST7713
Ver 1.6
2008-05
105
10.1.4 RDDST (09h): Read Display Status
09H
RDDST (Read Display Status)
Inst / Para
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDST
0
↑
1
-
0
0
0
0
1
0
0
1
(09h)
1st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2nd Parameter
1
1
↑
-
BSTON
MY
MX
MV
ML
RGB
-
ST24
3rd Parameter
1
1
↑
-
ST23
IFPF2
IFPF1
IFPF0
IDMON
PTLON
SLOUT
NORON
4th Parameter
1
1
↑
-
VSSON
ST14
INVON
ST12
ST11
DISON
TEON
GCS2
5th Parameter
1
1
↑
-
GCS1
GCS0
TELOM
HSON
VSON
PCKON
DEON
ST0
NOTE: “-“ Don’t care
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
BSTON
Booster Voltage Status
‘1’ =Booster on,
‘0’ =Booster off
MY
Row Address Order (MY)
‘1’ =Decrement, (Bottom to Top, when MADCTL (36h) D7=’1’)
‘0’ =Increment, (Top to Bottom, when MADCTL (36h) D7=’0’)
MX
Column Address Order (MX)
‘1’ =Decrement, (Right to Left, when MADCTL (36h) D6=’1’)
‘0’ =Increment, (Left to Right, when MADCTL (36h) D6=’1’)
MV
Row/Column Exchange (MV)
‘1’ = Row/column exchange, (when MADCTL (36h) D5=’1’)
‘0’ = Normal, (when MADCTL (36h) D5=’0’)
ML
Scan Address Order (ML)
‘1’ =Decrement,
(LCD refresh Top to Bottom, when MADCTL (36h) D4=’1’)
‘0’=Increment,
(LCD refresh Bottom to Top, when MADCTL (36h) D4=’0’)
RGB
RGB/ BGR Order (RGB)
‘1’ =BGR, (When MADCTL (36h) D3=’1’)
‘0’ =RGB, (When MADCTL (36h) D3=’0’)
ST24
For Future Use
‘0’
ST23
For Future Use
‘0’
IFPF2
IFPF1
IFPF0
Interface Color Pixel Format
Definition
“011” = 12-bit / pixel,
“101” = 16-bit / pixel,
“110” = 18-bit / pixel, others are no define
IDMON
Idle Mode On/Off
‘1’ = On, “0” = Off
PTLON
Partial Mode On/Off
‘1’ = On, “0” = Off
SLPOUT
Sleep In/Out
‘1’ = Out, “0” = In
NORON
Display Normal Mode On/Off
‘1’ = Normal Display,
‘0’ = Partial Display
VSSON
Vertical Scrolling Status
‘1’ = Scroll on,“0” = Scroll off
ST14
Horizontal Scroll Status
‘0’
INVON
Inversion Status
‘1’ = On, “0” = Off
ST12
All Pixels On (Not Used)
‘0’
ST11
All Pixels Off (Not Used)
‘0’
DISON
Display On/Off
‘1’ = On, “0” = Off
TEON
Tearing effect line on/off
‘1’ = On, “0” = Off
GCSEL2
GCSEL1
GCSEL0
Gamma Curve Selection
“000” = GC0
“001” = GC1
“010” = GC2
“011” = GC3
”100” to “111” = Not defined
TELOM
Tearing effect line mode
‘0’ = mode1, ‘1’ = mode2
HSON
Horizontal Sync. (HS, RGB
I/F)
‘1’ = On, ‘0’ = Off
VSON
Vertical Sync, (VS, RGB I/F)
‘1’ = On, ‘0’ = Off
PCLKON
Pixel Clock (PCLK, RGB I/F)
‘1’ = On, ‘0’ = Off
DEON
Data Enable (DE, RGB I/F)
‘1’ = On, ‘0’ = Off
ST0
For Future Use
‘0’
Note: ST0, ST5, ST9, ST11-ST15, ST19, ST23, ST24 are set to ‘0’, when RGB I/F.
Default
Status
Default Value (ST31 to ST0)
ST[31-24]
ST[23-16]
ST[15-8]
ST[7-0]
Power On Sequence
0000-0000
0110-0001
0000-0000
0000-0000
S/W Reset
0xxx0xx00
0xxx-0001
0000-0000
0000-0000
H/W Reset
0000-0000
0110-0001
0000-0000
0000-0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com