Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 108 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 108 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 104Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 105Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 159 page
background image
ST7713
Ver 1.6
2008-05
108
10.1.9 RDDSM (0Eh): Read Display Signal Mode
0EH
RDDSM (0Eh): Read Display Signal Mode
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDSM
0
↑
1
-
0
0
0
0
1
1
1
0
(0Eh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
TEON
TELOM
HSON
VSON
PCKON
DEON
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
TEON
Tearing Effect Line On/Off
“1” = On,
“0” = Off
TELOM
Tearing effect line mode
“1” = mode1,
“0” = mode2
HSON
Horizontal Sync. (RGB I/F) On/Off
“1” = On,
“0” = Off
VSON
Vertical Sync. (RGB I/F) On/Off
“1” = On,
“0” = Off
PCKON
Pixel Clock (PCLK, RGB I/F) On/Off
“1” = On,
“0” = Off
DEON
Data Enable (DE, RGB I/F) On/Off
“1” = On,
“0” = Off
D1
Not Used
“1” = On,
“0” = Off
D0
Not Used
“1” = On,
“0” = Off
Default
Status
Default Value(D7~D0)
Power On Sequence
0000_0000 (00h)
S/W Reset
0000_0000 (00h)
H/W Reset
0000_0000 (00h)
10.1.10 RDDSDR (0Fh): Read Display Self-Diagnostic Result
0FH
RDDSDR (0Fh): Read Display Self-Diagnostic Result
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDSDR
0
↑
1
-
0
0
0
0
1
1
1
1
(0Fh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
-
RELD
FUND
ATTD
BRD
D3
D2
D1
D0
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
RELD
Register Loading Detection
See section 9.20
FUND
Functionality Detection
See section 9.20
ATTD
Chip Attachment Detection
See section 9.20
BRD
Display Glass Break Detection
See section 9.20
D3
Not Used
“0”
D2
Not Used
“0”
D1
Not Used
“0”
D0
Not Used
“0”
Default
Status
Default Value(D7~D0)
Power On Sequence
0000_0000 (00h)
S/W Reset
0000_0000 (00h)
H/W Reset
0000_0000 (00h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com