Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 110 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 110 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 159 page
background image
ST7713
Ver 1.6
2008-05
110
10.1.12 SLPOUT (11h): Sleep Out
11H
SLPOUT (Sleep Out)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
SLPOUT
0
↑
1
-
0
0
0
1
0
0
0
1
(11h)
1st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command turns off sleep mode.
-In this mode the DC/DC converter is enabled, Internal display oscillator is started, and panel scanning is
started.
Restriction
-This command has no effect when module is already in sleep out mode. Sleep Out Mode can only be exit
by the Sleep In Command (10h).
-When IC is in Sleep In mode, it is necessary to wait 120msec before sending next command because of
the stabilization timing for the supply voltages and clock circuits.
-When IC is in Sleep Out or Display On mode, it is necessary to wait 120msec before sending next
command due to the download of default value of registers and the execution of self-diagnostic function.
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode
Sleep Out
VDDI
1.6V-3.0V
VDD
Internal Oscillator
STOP
Start
AVDD
0V or VDD
VGL
0V
VGH
0V or VDD
Internal counter
STOP
Start
IC Internal reset
0V
2.6V-3.0V
Gate Output
Source Output
VCOM Output
STOP
0V
0V
STOP
0V
0V
Memory Contents
Memory Contents
Blanking display (over 1frame display) *
If DISPON 29h is set
* Note: complete 1 frame display (ex: continue 2-falling edges of VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com