Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 113 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 113 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 159 page
background image
ST7713
Ver 1.6
2008-05
113
10.1.18 DISPOFF (28h): Display Off
28H
DISPOFF (Display Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
DISPOFF
0
↑
1
-
0
0
1
0
1
0
0
0
(28h)
1
st Parameter
No Parameter
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to enter into DISPLAY OFF mode. In this mode, the output from Frame Memory is
disables and blank page inserted.
-Exit from this command by Display On (29h)
-When IC is in Display On mode, it is necessary to wait 50msec before sending next command.
Default
Status
Default Value
Power On Sequence
Display off
S/W Reset
Display off
H/W Reset
Display off
Top-Left (0,0)
(Example)
Memory
Display
VDDI
Display OFF
1.6V-3.0V
VDD
Gate Output
Source Output
0V
Blanking display (over 1 frame display) *
2.6V-3.0V
VGH
OP
VCOM Output
0V
Internal counter
STOP
Internal Oscillator
VGH
VGL
AVDD
IC Internal reset
Note1: Complete 1 frame display (ex: continue 2-falling edges of VS)
Note2: Please use command 28h (display off) combined with command 10h (sleep in) to
make module into display off status. Please check the application note of ST7713
when using display off function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com