Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 165 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 165 Page - ams AG

Back Button AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG AS3525 Datasheet HTML 166Page - ams AG AS3525 Datasheet HTML 167Page - ams AG AS3525 Datasheet HTML 168Page - ams AG AS3525 Datasheet HTML 169Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
165
- 194
7.4.20.4 Parameter
Table 153 ADC10 Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
RDIV
Input Divider Resistance
CHG_OUT, RTCSUP, VBUS, CHG_IN,
VBAT
138k
180k
234k
Ω
ADCFS
ADC Full Scale Range
2.534
2.56
2.586
V
Ratio1
Divition Factor 1
CHG_OUT, RTCSUP, VBUS, CHG_IN
0.198
0.2
0.202
1
Ratio2
Divition Factor 2
VBAT
0.396
0.4
0.404
1
Gain
ADC Gain Stage
2.475
2.5
2.525
V
TCON
Conversion Time
-
34
50
µs
I_MICFS
I_MicSup1/2 Full Scale Range
0.7
1.0
1.4
mA
BVDD=3.6V; Tamb=25ºC; unless otherwise specified
7.4.20.5 Register Description
Table 154 ADC10 Related Register
Name
Base
Offset
Description
IRQ_ENRD_2
I2C audio master
0x27
Interrupt settings for end of conversion interrupt
Table 155 ADC_0 Register
Name
Base
Default
ADC_0
I2C audio master
0000 00xx
First 10-bit ADC Register
Offset: 0x2E
Writing to this register will start the measurement of the selected source.
This register is reset at a DVDD-POR, exception are bit 8 and 9.
Bit
Bit Name
Default
Access
Bit Description
7:4
ADC_Source
00000000
R/W
Selects ADC input source
0000: CHG_OUT
0001: RTCSUP
0010: VBUS
0011: CHG_IN
0100: CVDD
0101: BatTemp
0110: MicSup1
0111: MicSup2
1000: VBE_1uA
1001: VBE_2uA
1010: I_MicSup1
1011: I_MicSup2
1100: VBAT
1101: reserved
1110: reserved
1101: reserved
3:2
-
00
n/a
do not change
1:0
ADC<9:8>
xx
R/W
ADC result bit 9 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com