Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 162 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 162 Page - ams AG

Back Button AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG AS3525 Datasheet HTML 166Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
162
- 194
7.4.19
Real Time Clock
7.4.19.1 General
The real time clock block is an independent block, which is still working even when the chip is shut down. The only condition for this operation is
that BVDD has a voltage of above 1.0V. The block uses a standard 32kHz crystal that is connected to a low power oscillator. An internal 32bit
second register stores the current time.
The RTC block has special functions for trimming the time base and generating interrupts every second or minute.
7.4.19.2 RTC supply
The internal RTC is supplied via the BVDD pin. The block has an internal LDO to generate the RTC supply voltage on RVDD pin. This voltage can
be programmed via the RTCV register (0x28h). If the internal RTC is not used, RVDD can be used to supply an external RTC block.
If the supply voltage on BVDD pin rises, the whole chip gets powered up. See also power-up conditions in chapter 7.4.1.2.
7.4.19.3 Register Description
Table 148 RTC Related Register
Name
Base
Offset
Description
IRQ_ENRD_0
I2C audio master
0x25
Interrupt settings for RVDD under-voltage detection
IRQ_ENRD_2
I2C audio master
0x27
Interrupt settings for getting a second or minute interrupt
Table 149 RTCV Register
Name
Base
Default
RTCV
I2C audio master
0x23
RTC Voltage Register
Offset: 0x28
This register is reset at a RVDD-POR. (DVDD_POR for C21O20)
Bit
Bit Name
Default
Access
Bit Description
7:4
VRTC<3..0>
0010
R/W
Sets the RTC supply voltage, 16 steps @ 0.1V, default is 1.2V
0000: 1V
0001: 1.1V
0010: 1.2V
…
1110: 2.4V
1111: 2.5V
3:2
-
00
n/a
do not change
1
RTC_ON
1
R/W
RTC clock control:
0: Disable clock for RTC
1: Enables clock for RTC
0
OSC_ON
1
R/W
RTC oscillator control:
0: Disables RTC oscillator
1: Enables RTC oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com