Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 160 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 160 Page - ams AG

Back Button AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
160
- 194
0
W
Microphone 1 connect detection interrupt setting
0: disable
1: enable
1
MIC1_connect
(level)
x
R
Microphone 1 connect detection interrupt reading
0: no microphone connected to MIC1 input
1: microphone connected at MIC1 input.
IRQ will be released after enabling the microphone stage.
Detecting a microphone during operation has to be done by
measuring the supply current.
0
W
Headphone connect detection interrupt setting
0: disable
1: enable
0
HPH_connect
(level)
x
R
Headphone connect detection interrupt reading
0: no headphone connected
1: headphone connected
IRQ will be released after enabling the headphone stage.
Detecting a headphone during operation is not possible.
Table 147 Third Interrupt Register
Name
Base
Default
IRQ_ENRD_2
I2C audio master
0x00
Third Interrupt Register
Offset: 0x27
Please be aware that writing to this register will enable/disable the corresponding
interrupts, while with reading you get the actual interrupt status and will clear the
register at the same time. It is not possible to read back the interrupt enable/disable
settings. This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
T_deb<1:0>
00
R/W
Sets the USB and Charger connect de-bounce time:
00: 512ms
01: 256ms
10: 128ms
11: not defined
5
IRQ_Acthigh
0
R/W
Sets the active output state of the INTRQ line:
0: IRQ is active low
1: IRQ is active high
4
IRQ_PushPull
0
R/W
Sets the INTRQ output buffer type:
0: IRQ output is open drain
1: IRQ output is push pull
0
W
Microphone 2 remote key press detection interrupt setting
0: disable
1: enable
3
Remote_Det2
(edge)
x
R
Microphone 2 remote key press detection interrupt reading
0: no key press detected
1: Microphone 2 supply current got increased, remote key
press detected -> measure MSUP2 supply current
0
W
Microphone 1 remote key press detection interrupt setting
0: disable
1: enable
2
Remote_Det1
(edge)
x
R
Microphone 1 remote key press detection interrupt reading
0: no key press detected
1: Microphone 1 supply current got increased, remote key
press detected -> measure MSUP1 supply current
1
RTC_update
(edge)
0
W
RTC timer interrupt setting
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com