Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 156 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 156 Page - ams AG

Back Button AS3525 Datasheet HTML 152Page - ams AG AS3525 Datasheet HTML 153Page - ams AG AS3525 Datasheet HTML 154Page - ams AG AS3525 Datasheet HTML 155Page - ams AG AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
156
- 194
7.4.17
Supervisor
7.4.17.1 General
This supervisor function can be used for automatic detection of BVDD brown out or junction over-temperature condition.
7.4.17.2 BVDD Supervision
The supervision level can be set in 8 steps @ 60mV from 2.74 to 3.16V. If the level is reached an interrupt can be generated. If BVDD reaches 2.6V
the AFE shuts down automatically.
7.4.17.3 Junction Temperature Supervision
The temperature supervision level can also be set by 5 bits (120 to –15oC). If the temperature reaches this level, an interrupt can be generated. The
over-temperature shutdown level is always 20oC higher. If the IRQ level is set to 120oC the shutdown is disabled.
7.4.17.4 Register Description
Table 143 Supervisor Related Register
Name
Base
Offset
Description
IRQ_ENRD_0
I2C audio master
0x25
Enable/disable battery brown out interrupt
IRQ_ENRD_1
I2C audio master
0x26
Enable/disable junction temperature interrupt
Table 144 Supervisor Register
Name
Base
Default
Supervisor
I2C audio master
0x00
Supervisor Register
Offset: 0x24
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:5
BVDD_Sup<2:0>
000
R/W
supervision of BVDD brown out
V_BrownOut=2.74+x*60mV
000: 2.74V
001: 2.80V
…
110: 3.10V
111: 3.16V
4:0
JT_Sup<4:0>
00000
R/W
junction temperature supervision:
Temp_ShutDown=140-x*5
°C
Temp_IRQ=120-x*5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com