Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 159 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 159 Page - ams AG

Back Button AS3525 Datasheet HTML 155Page - ams AG AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
159
- 194
Table 146 Second Interrupt Register
Name
Base
Default
IRQ_ENRD_1
I2C audio master
0x00
Second Interrupt Register
Offset: 0x26
Please be aware that writing to this register will enable/disable the corresponding
interrupts, while with reading you get the actual interrupt status and will clear the
register at the same time. It is not possible to read back the interrupt enable/disable
settings. This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
0
W
Supervisor junction over-temperature interrupt setting
0: disable
1: enable
7
JTEMP_high
(level)
x
R
Supervisor junction over-temperature interrupt reading
0: chip temperature below threshold
1: chip temperature has reached the threshold
The threshold can be set in the SUPERVISOR register (0x24)
0
W
Speaker over-current interrupt setting
0: disable
1: enable
The interrupt must not be enabled if the speaker block is
disabled
6
LSP_overcurr
(level)
x
R
Speaker over-current interrupt reading
0: no over-current detected
1: speaker over-current detected, speaker amplifier was shut
down. The shut-down time can be set in LSP_OUT_R register
(0x04)
0
W
Headphone over-current interrupt setting
0: disable
1: enable
The interrupt must not be enabled if the headphone block is
disabled
5
HPH_overcurr
(level)
x
R
Headphone over-current interrupt reading
0: no over-current detected
1: headphone over-current detected, headphone amplifier was
shut down. The shut-down time can be set in HPH_OUT_R
register (0x02)
4
I2S_status
x
R
0: no LRCK on I2S interface detected
1: LRCK on I2S interface present
0
W
I2S input status change interrupt setting
0: disable
1: enable
3
I2S_changed
(status change)
x
R
I2S input status change interrupt reading
0: I2S input status not changed
1: I2S input status changed, check I2S_status
0
W
Microphone 2 connect detection interrupt setting
0: disable
1: enable
2
MIC2_connect
(level)
x
R
Microphone 2 connect detection interrupt reading
0: no microphone connected to MIC2 input
1: microphone connected at MIC2 input.
IRQ will be released after enabling the microphone stage.
Detecting a microphone during operation has to be done by
measuring the supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com