Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 163 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 163 Page - ams AG

Back Button AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG AS3525 Datasheet HTML 166Page - ams AG AS3525 Datasheet HTML 167Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
163
- 194
Table 150 RTCV Register
Name
Base
Default
RTCT
I2C audio master
0x40
RTC Timing Register
Offset: 0x29
This register is reset at a RVDD-POR. (DVDD_POR for C21O20)
Bit
Bit Name
Default
Access
Bit Description
7
IRQ_MIN
0
R/W
0: generates an interrupt every second
1: generates an interrupt every minute
6:0
TRTC<6:0>
1000000
R/W
Trimming register for RTC, 128 steps @ 7.6ppm
000000: 1 (7.6ppm)
000001: 2 (15.2ppm)
…
100000: 64 (488ppm)
…
111110: 126 (960.8ppm)
111111: 127 (968.4ppm)
Table 151 RTC_0 to RTC_3 Register
Name
Base
Default
RTC_0 to RTC_3
I2C audio master
0x00 00 00 00
Unique ID Register
Offset: 0x2A to 0x2D
This register is reset at a RVDD-POR.
Adr.
Byte Name
Default
Access
Bit Description
0x2A
RTC_0
0x00
R/W
RTC<7:0>; RTC seconds bits 0 to 7
0x2B
RTC_1
0x00
R/W
RTC<15:8>; RTC seconds bits 8 to 15
0x2C
RTC_2
0x00
R/W
RTC<23:9>; RTC seconds bits 9 to 23
0x2D
RTC_3
0x00
R/W
RTC<31:24>; RTC seconds bits 24 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com