Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 164 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 164 Page - ams AG

Back Button AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG AS3525 Datasheet HTML 162Page - ams AG AS3525 Datasheet HTML 163Page - ams AG AS3525 Datasheet HTML 164Page - ams AG AS3525 Datasheet HTML 165Page - ams AG AS3525 Datasheet HTML 166Page - ams AG AS3525 Datasheet HTML 167Page - ams AG AS3525 Datasheet HTML 168Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
164
- 194
7.4.20
10-Bit ADC
7.4.20.1 General
This general purpose ADC can be used for measuring several voltages and currents to perform functions like battery monitor, temperature
supervision, button press detection, etc.. . Please note that C21O20 is measuring BVDD instead of CHG_OUT
7.4.20.2 Input Sources
Table 152 ADC10 Input Sources
Nr.
Source
Range
LSB
Description
0
CHG_OUT
5.120V
5mV
check battery voltage of 4V LiIo accumulator
1
RTCSUP
5.120V
5mV
check RTC backup battery voltage (connected to BVDD inside the
package)
2
VBUS
5.120V
5mV
check USB host voltage
3
CHG_IN
5.120V
5mV
check charger input voltage
4
CVDD
2.560V
2.5mV check charge pump output voltage
5
BatTemp
2.560V
2.5mV check battery charging temperature
6
MicSup1
2.560V
2.5mV check voltage on MicSup1 for remote control or external voltage
measurement
7
MicSup2
2.560V
2.5mV check voltage on MicSup2 for remote control or external voltage
measurement
8
VBE1
1.024
1mV
measuring junction temperature
9
VBE2
1.024
1mV
measuring junction temperature
10
I_MicSup1
1.024mA typ.
1.0uA check current of MicSup1 for remote control detection
11
I_MicSup2
1.024mA typ.
1.0uA check current of MicSup2 for remote control detection
12
VBAT
2.560V
2.5mV check single cell battery voltage
13..15
Reserved
1.024V
1mV
for testing purpose only
CHG_OUT, RTCSUP, VBUS, CHG_IN
These sources are fed into an 1/5 voltage divider (180k
Ω typ.) and further amplified by 2.5.
CVDD, BatTemp, MicSup1, MicSup2
These sources are fed directly to the ADC input multiplexer.
VBE1, VBE2
These inputs are first amplified by 2.5 and than fed to the ADC input multiplexer.
I_MicSup1, I_MicSup2
The measurement of the microphone supply LDOs is not very accurate, as the current-voltage conversion is only done by a single resistor which
shows wide process and temperature variations. These measurements should be only used for remote function detection.
VBAT
This source is divided by 2.5 with a voltage divider (180k
Ω typ.) and than amplified by 2.5. This has to be done, as VBAT can represent voltages up
to 3.6V. Please note, that the maximum measurement rage will be still 2.560V
7.4.20.3 Reference
AVDD=2.9V is used as reference to the ADC. AVDD is trimmed to +/-20mV with over all precision of +/-29mV. So the absolute accuracy is +/-1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com