Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 157 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 157 Page - ams AG

Back Button AS3525 Datasheet HTML 153Page - ams AG AS3525 Datasheet HTML 154Page - ams AG AS3525 Datasheet HTML 155Page - ams AG AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG AS3525 Datasheet HTML 160Page - ams AG AS3525 Datasheet HTML 161Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
157
- 194
7.4.18
Interrupt Generation
7.4.18.1 General
All interrupt sources can get enabled or disabled by corresponding bits in the 3 IRQ-bytes. By default no IRQ source is enabled.
The IRQ output can get configured to be PUSH/PULL or OPEN_DRAIN and ACTIVE_HIGH or ACTIVE LOW with 2 bits in IRQ_ENRD_2 register
(0x27). Default state is open drain and active_low.
7.4.18.2 IRQ Source Interpretation
There are 3 different modules to process interrupt sources:
7.4.18.3 LEVEL
The IRQ output is kept active as long as the interrupt source is present and this IRQ-Bit is enabled
7.4.18.4 EDGE
The IRQ gets active with a high going edge of this source. The IRQ stays active until the corresponding IRQ-Register gets read.
7.4.18.5 STATUS CHANGE
The IRQ gets active when the source-state changes. The change bit and the status can be read to notice which interrupt was the source. The IRQ
stays active until the corresponding interrupt register gets read.
7.4.18.6 De-bouncer
There is a de-bounc function implemented for USB and CHARGER. Since these 2 signals can be unstable for the phase of plug-in or unplug, a de-
bounce time of 512ms/256ms/128ms can be selected by 2 bits in the IRQ_ENRD2 register (0x27h).
Table 145 First Interrupt Register
Name
Base
Default
IRQ_ENRD_0
I2C audio master
0x00
First Interrupt Register
Offset: 0x25
Please be aware that writing to this register will enable/disable the corresponding
interrupts, while with reading you get the actual interrupt status and will clear the
register at the same time. It is not possible to read back the interrupt enable/disable
settings. This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
0
W
battery over-temperature interrupt setting
0: disable
1: enable
The interrupt must not be enabled if the charger block and
battery temperature supervision is disabled
7
CHG_tmphigh
(level)
x
R
Battery over-temperature interrupt reading
0: battery temperature below 55°C
1: battery temperature was too high and the charger was
turned off. The charger will be turned on again, when the
temperature gets below 50°C
0
W
Battery end of charge interrupt setting
0: disable
1: enable
The interrupt must not be enabled if the charger block is
disabled
6
CHG_endofch
(edge)
x
R
Battery end of charge interrupt reading
0: battery charging in progress
1: charging is complete, turn charger off
To check end of charge again the charger has to be turned on.
5
CHG_status
x
R
0: no charger input source connected
1: charger input source connected, also valid if charger is
connected during wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com