Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 155 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 155 Page - ams AG

Back Button AS3525 Datasheet HTML 151Page - ams AG AS3525 Datasheet HTML 152Page - ams AG AS3525 Datasheet HTML 153Page - ams AG AS3525 Datasheet HTML 154Page - ams AG AS3525 Datasheet HTML 155Page - ams AG AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG AS3525 Datasheet HTML 159Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
155
- 194
Figure 58 15V Step-Up Performance Characteristics
Efficiency vs Output Current
20
30
40
50
60
70
80
90
100
110
100
OUTPUT CURRENT [mA]
DCDC stepup
Current controlled 0..15V
VIN=3.6V
7.4.16.3 Register Description
Table 142 DCDC15 Register
Name
Base
Default
DCDC15
I2C audio master
0x00
15V DCDC Register
Offset: 0x23
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:5
000
n/a
4:0
I_V15<4..0>
00000
R/W
defines the current through the LED = 1.25mA * I_V15
00000: DCDC15 switched off
00001: 1.25mA
00010: 2.5mA
..
11110: 37.5mA
11111: 38.75mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com