Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 153 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 153 Page - ams AG

Back Button AS3525 Datasheet HTML 149Page - ams AG AS3525 Datasheet HTML 150Page - ams AG AS3525 Datasheet HTML 151Page - ams AG AS3525 Datasheet HTML 152Page - ams AG AS3525 Datasheet HTML 153Page - ams AG AS3525 Datasheet HTML 154Page - ams AG AS3525 Datasheet HTML 155Page - ams AG AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
153
- 194
7.4.15.4 Parameter
Table 139 Charger Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
BVDD<=3V, CHG_IN = 5.5V
37
68
111
mA
ICHG_trick
Charging Current
(trickle charge)
BVDD<=3V, CHG_IN = 4.0V
17
32
55
mA
VCHG_trick
Charger Endpoint Voltage (trickle
charge)
BVDD<=3V, CHG_IN = 4.4V
0.70*
CHG_IN
0.72*
CHG_IN
0.74*
CHG_IN
V
ICHG (0-7) Charging Current
BVDD > 3V
INOM
-20%
INOM
INOM
+20%
mA
VCHG (0-7) Charging Voltage
BVDD > 3V, end of charge is true
VNOM
-50mV
VNOM
VNOM
+30mV
V
VON_ABS
Charger On Voltage IRQ
BVDD = 3V
3.1
4.0
V
VON_REL
Charger On Voltage IRQ
CHG_IN-CHG_OUT
170
240
mV
VOFF_REL
Charger Off Voltage IRQ
CHG_IN-CHG_OUT
40
77
mV
VBATEMP_ON Battery Temp. high level (55°C)
BVDD >3V
380
400
420
mV
VBATEMP_OFF Battery Temp. low level (50°C)
BVDD >3V
480
500
520
mV
ICHG_OFF
End Of Charge current level
BVDD >3V
5%
INOM
10%
INOM
15%
INOM
mA
IREV_OFF
Reverse current shut down
BVDD = 5V, CHG_IN open
160
336
420
nA
BVDD=3.6V; Tamb=25ºC; unless otherwise specified
7.4.15.5 Register Description
Charger Related Register
Name
Base
Offset
Description
IRQ_ENRD_0
I2C audio master
0x25
Enable/disable EOC and battery over-temperature interrupt
Read out charger status
Table 140 Charger Register
Name
Base
Default
Charger
I2C audio master
0x00
Charger Register
Offset: 0x22
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
TMPSup_off
0
R/W
0: enables 15uA supply for external 100k NTC resistor
1: disables supply
6:4
CHG_I
000
R/W
set maximum charging current
111: 400 mA
110: 350 mA
..
001: 100 mA
000: 50 mA
3:1
CHG_V
000
R/W
set maximum charger voltage
111: 4.25 V
110: 4.2 V
..
001: 3.95 V
000: 3.9 V
0
CHG_OFF
0
R/W
0: enables Charger
1: disables Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com