Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 154 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 154 Page - ams AG

Back Button AS3525 Datasheet HTML 150Page - ams AG AS3525 Datasheet HTML 151Page - ams AG AS3525 Datasheet HTML 152Page - ams AG AS3525 Datasheet HTML 153Page - ams AG AS3525 Datasheet HTML 154Page - ams AG AS3525 Datasheet HTML 155Page - ams AG AS3525 Datasheet HTML 156Page - ams AG AS3525 Datasheet HTML 157Page - ams AG AS3525 Datasheet HTML 158Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
154
- 194
7.4.16
15V Step-Up Converter
7.4.16.1 General
The integrated Step-Up DC/DC Converter is a high efficiency current-mode PWM regulator, providing an output voltage up to 15V. A constant
switching-frequency results in a low noise on supply and output voltages. When using an additional transistor the output voltage can be up to 25V
to drive 6 white LED in series.
It has an adjustable sink current (1.25 to 38.75mA) to provide e.g. dimming function when driving white LEDs as back-light.
7.4.16.2 Parameter
Table 141 15V Step-Up Converter Parameter
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VSW
High Voltage Pin
Pin SW15
0
15
V
IVDD
Quiescent Current
Pulse Skipping mode
140
µA
VFB
Feedback Voltage, Transient Pin ISINK
0
5.5
V
VFB
Feedback Voltage, during
Regulation
Pin ISINK
0.65
0.83
1.0
V
ISW_MAX
Current Limit
V15_ON = 1
350
510
750
mA
RSW
Switch Resistance
V15_ON = 0
0.85
1.54
Ω
ILOAD
Load Current
@ 15V output voltage
0
45
mA
VPULSESKIP
Pulse-skip Threshold
Voltage at pin ISINK, pulse skips are
introduces when load current becomes
too low.
1.2
1.33
1.5
V
FIN
Fixed Switching Frequency
0.5
0.55
0.6
MHz
COUT
Output Capacitor
Ceramic
1
µF
L (Inductor)
ILOAD > 20mA
Use inductors with small CPARASITIC
(<100pF) for high efficency
17
22
27
µH
ILOAD < 20mA
8
10
27
tMIN_ON
Minimum On-Time
90
180
ns
MDC
Maximum Duty Cycle
Guaranteed per design
88
91
94
%
BVDD=3.6V; Tamb=25ºC; unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com