Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 130 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 130 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 131Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 132Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 133Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 134Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 173 page
background image
Rev. 1.0 /Nov. 2009
130
H5GQ1H24AFR
Table 43. IDD SPECIFICATIONS AND CONDITIONS
Symbol
4.0Gbps
4.5Gbps
5.0Gbps
5.5Gbps
6.0Gbps
Units
IDD0
550
590
630
670
710
mA
IDD1
590
630
670
710
750
mA
IDD2P
240
260
280
300
320
mA
IDD2N
260
280
300
320
340
mA
IDD3P
385
405
425
445
465
mA
IDD3N
540
580
620
660
700
mA
IDD4W
1300
1430
1560
1690
1820
mA
IDD4R
1370
1500
1630
1760
1890
mA
IDD5
545
580
615
650
685
mA
IDD6
60
60
60
60
60
mA
IDD7
900
1000
1100
1200
1300
mA
Symbol
4.0Gbps
4.5Gbps
5.0Gbps
5.5Gbps
6.0Gbps
Units
IDD0
370
400
420
450
490
mA
IDD1
390
420
450
480
520
mA
IDD2P
170
175
185
195
210
mA
IDD2N
190
200
210
230
250
mA
IDD3P
250
260
275
290
310
mA
IDD3N
350
370
390
420
450
mA
IDD4W
830
910
990
1070
1160
mA
IDD4R
850
930
1010
1090
1080
mA
IDD5
350
370
390
420
450
mA
IDD6
60
60
60
60
60
mA
IDD7
660
710
770
840
910
mA
1. × 32 Mode IDD
2. ×16 Mode IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com