Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 126 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 126 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 130Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
126
H5GQ1H24AFR
Notes:
1. This provides a minimum of 0.9V to a maximum of 1.2V, and is nominally 70% of VDDQ with POD15. DRAM timings relative to 
CK cannot be guaranteed if these limits are exceeded.
2. For AC operations, all DC clock requirements must be satisfied as well.
3. The value of VIXCK and VIXWCK is expected to equal 70% VDDQ for the transmitting device and must track variations in the DC 
level of the same.
4. VIDCK is the magnitude of the difference between the input level in CK and the input level on CK#. The input reference level for 
signals other than CK and CK# is VREFC.
5.  VIDWCK is the magnitude of the difference between the input level in WCK and the input level on WCK#. The input reference level 
for signals other than WCK and WCK# is either VREFD, VREFD2 or the internal VREFD.
6. The CK and CK# input reference level (for timing referenced to CK and CK#) is the point at which CK and CK# cross. Please refer 
to the applicable timings in the AC timings table (Table 44).
7. The WCK and WCK# input reference level (for timing referenced to WCK and WCK#) is the point at which WCK and WCK# cross. 
Please refer to the applicable timings in the AC Timings table (Table 44).
8. VREFD is either VREFD, VREFD2 or the internal VREFD.
9. The slew rate is measured between VREFC crossing and VIXCK(AC).
10. The slew rate is measured between VREFD crossing and VIXWCK(AC).
11. Figure  illustrates the exact relationship between (CK‐CK#) or (WCK‐WCK#) and VID(AC), VID(DC) and tDVAC
12. Ringback below VID(DC) is not allowed.
13. tDVAC is not measured in and of itself as a compliance specification, but is relied upon in measurement of clock operating 
conditions and clock related parameters.
Table 41  Clock Input Operating Conditions
POD15
Parameter
Symbol
Min
Max
Unit
Note
Clock Input Mid‐Point Voltage; CK and CK#
VMP (DC)
VREFC ‐ 0.10
VREFC + 0.10
V
1, 6
Clock Input Differential Voltage; CK and CK#
VIDCK (DC)
0.22
V
4, 6
Clock Input Differential Voltage; CK and CK# 
VIDCK (AC)
0.40
V
2, 4, 6
Clock Input Differential Voltage; WCK and WCK#
VIDWCK (DC)
0.20
V
5, 7
Clock Input Differential Voltage; WCK and WCK# 
VIDWCK (AC)
0.30
2, 5, 7
Clock Input Voltage Level; CK, CK#, WCK and WCK# 
single ended 
VIN
‐0.30
VDDQ + 0.30
CK/CK# Single ended slew rate
CKslew
3
V/ns
9
WCK/WCK# Single ended slew rate
WCKslew
3
V/ns
10
Clock Input Crossing Point Voltage; CK and CK#
VIXCK (AC)
VREFC ‐ 0.12
VREFC + 0.12
V
2, 3, 6
Clock Input Crossing Point Voltage; WCK and WCK#
VIXWCK (AC)
VREFD ‐ 0.10
VREFD + 0.10
V
2, 3, 7, 
8
Allowed time before ringback of CK/WCK below 
VIDCK/WCK(AC)
tDVAC
ps
11, 12, 
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com