Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 124 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 124 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
124
H5GQ1H24AFR
 6.2. AC & DC CHARACTERISTICS
All GDDR5 SGRAMs are designed for 1.5V typical voltage supplies. The interface of GDDR5 with 1.5V 
VDDQ will follow the POD15 specification. All AC and DC values are measured at the ball.
Notes: 
1.  VDD/VDDQ 1.6V is for 6Gbps
2.  GDDR5 SGRAMs are designed to tolerate PCB designs with separate VDD and VDDQ power regulators.
3.  AC noise in the system is estimated at 50mV pk‐pk for the purpose of DRAM design.
4.  Source of Reference Voltage and control of Reference Voltage for DQ and DBI# pins is determined by VREFD, Half VREFD, Auto 
VREFD, VREFD MERGE and VREFD Offsets mode registers.
5.  VREFD Offsets are not supported with VREFD2.
6.  External VREFC is to be provided by the controller as there is no other alternative supply.
7.  DQ/DBI# input slew rate must be greater than or equal to 3V/ns. The slew rate is measured between VREFD crossing and VIHD(AC) 
or VILD(AC) or VREFD2 crossing and VIHD2(AC) or VILD2(AC).
8.  ADR/CMD input slew rate must be greater than or equal to 3V/ns.  The slew rate is measured between VREFC crossing and 
VIHA(AC) or VILA(AC).
9.  VIHX and VILX define the voltage levels for the receiver that detects x32 or x16 mode with RESET# going High.
Table 39  DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Device Supply Voltage
VDD
1.452
1.6
1.648
V
1
Output Supply Voltage
VDDQ
1.452
1.6
1.648
V
1
Device Supply Voltage
VDD
1.455
1.5
1.545
V
2
Output Supply Voltage
VDDQ
1.455
1.5
1.545
V
2
Reference Voltage for DQ and DBI# pins
VREFD
0.69 * VDDQ
0.71 * VDDQ
V
3, 4
Reference Voltage for DQ and DBI# pins
VREFD2
0.49 * VDDQ
0.51 * VDDQ
V
3, 4, 5
External Reference Voltage for address and 
command
VREFC
0.69 * VDDQ
0.71 * VDDQ
V
6
DC Input Logic HIGH Voltage for address and 
command
VIHA (DC)
VREFC + 0.15
V
DC Input Logic LOW Voltage for address and 
command
VILA (DC)
VREFC ‐ 0.15
V
DC Input Logic HIGH Voltage for DQ and DBI# 
pins with VREFD
VIHD (DC)
VREFD + 0.10
V
DC Input Logic LOW Voltage for DQ and DBI# 
pins with VREFD
VILD (DC)
VREFD ‐ 0.10
V
DC Input Logic HIGH Voltage for DQ and DBI# 
pins with VREFD2
VIHD2 
(DC)
VREFD2 + 0.30
V
DC Input Logic LOW Voltage for DQ and DBI# 
pins with VREFD2
VILD2 (DC)
VREFD2 ‐ 0.30
V
Input Logic HIGH Voltage for RESET#, SEN, MF
VIHR
VDDQ ‐ 0.50
V
Input Logic LOW Voltage for RESET#, SEN, MF
VILR
0.30
V
Input logic HIGH voltage for 
EDC1/2 (x16 mode detect)
VIHX
VDDQ ‐ 0.3 
V
9
Input logic LOW voltage for 
EDC1/2 (x16 mode detect)
VILX
0.30
V
9
Input Leakage Current
Any Input 0V <=  VIN <= VDDQ
(All other pins not under test = 0V) 
Il
10
μA
Output Leakage Current 
(DQs are disabled; 0V <= Vout <= VDDQ)
Ioz
10
μA
Output Logic LOW Voltage
VOL (DC)
0.62
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com