Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 125 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 125 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 127Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 128Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 129Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
125
H5GQ1H24AFR
Figure 78. Voltage Waveform
Table 40  AC Operating Conditions
POD15
Parameter
Symbol
Min
Typ
Max
Unit
Note
AC Input Logic HIGH Voltage for 
address and command
VIHA (AC)
VREFC + 0.20
V
AC Input Logic LOW Voltage for 
address and command
VILA (AC)
VREFC ‐ 0.20
V
AC Input Logic HIGH Voltage for 
DQ and DBI# pins with VREFD
VIHD (AC)
VREFD + 0.15
V
AC Input Logic LOW Voltage for 
DQ and DBI# pins with VREFD
VILD (AC)
VREFD ‐ 0.15
V
AC Input Logic HIGH Voltage for 
DQ and DBI# pins with VREFD2
VIHD2 (AC)
VREFD2 + 0.40
V
AC Input Logic LOW Voltage for 
DQ and DBI# pins with VREFD2
VILD2 (AC)
VREFD2 ‐ 0.40
V
VIL (AC)
VIL (DC)
VREF ‐ AC Noise
VREF ‐ DC Noise
VREF + DC Noise
VREF + AC Noise
VIH (DC)
VIH (AC)
VOH
VIN (AC) ‐ Provides margin
between VOL (MAX) and
VIL (AC)
VDDQ
VOL (MAX)
System Noise Margin (Power/Ground, 
Crosstalk, Signal Integrity Attenuation)
Note: VREF, VIH, VIL refer to
whichever VREFxx (VREFD, 
VREFD2, or VREFC) is being used. 
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com