Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 122 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 122 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 118Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 119Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 120Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 121Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 122Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 123Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 124Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 125Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 126Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
122
H5GQ1H24AFR
 6. OPERATING CONDITIONS
 6.1. ABSOLUTE MAXIMUM RATINGS
Voltage on Vdd Supply
    Relative to Vss...................................................  ‐0.5V to +2.0V
Voltage on VddQ Supply
    Relative to Vss ..................................................  ‐0.5V to +2.0V
Voltage on Vref and Inputs
    Relative to Vss ..................................................  ‐0.5V to +2.0V
Voltage on I/O Pins
    Relative to Vss ..................................................  ‐0.5V to VddQ +0.5V
Storage Temperature (plastic) ............................  ‐55°C to +150°C
Short Circuit Output Current .............................  50mA
*Stresses greater than those listed may cause permanent damage to the device. This is a stress rating only, and functional operation of 
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. 
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Notes: 
1.  Measurement procedures for each parameter must follow standard procedures defined in the current JEDEC JESD‐51 standard.
2.  Theta_JA measured with the low and high thermal conductivity test board defined in JESD51‐9
Table 37  Capacitance
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Delta Input/Output Capacitance: DQs, DBI#, EDC, 
WCK, WCK#
DCio
0
0.5
pF
Delta Input Capacitance: Command and Address
DCi1
00.5
pF
Delta Input Capacitance: CK, CK#
DCi2
00.3
pF
Input/Output Capacitance: DQs, DBI#, EDC, WCK, 
WCK#
Cio
1.2
1.9
pF
Input Capacitance: Command and Address
Ci1
0.9
1.6
pF
Input Capacitance: CK, CK#, WCK, WCK#
Ci2
0.9
1.6
pF
Input Capacitance: CKE#
Ci3
0.9
1.6
pF
Table 38  Thermal Characteristics
Parameter
Description
Value
Units
Notes
Theta_JA
1s
Thermal resistance junction to ambient
45
oC/W
1,2,4,5
33
oC/W
1,4,5 (at Tc 115oC)
2s2p
30
oC/W
1,2,4,5
Theta_JB
Thermal resistance junction to board
12
oC/W
1,3
Theta_JC
Thermal resistance junction to case
3
oC/W
1,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com