Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 70 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 70 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 66Page - Intel Corporation S5000PAL Datasheet HTML 67Page - Intel Corporation S5000PAL Datasheet HTML 68Page - Intel Corporation S5000PAL Datasheet HTML 69Page - Intel Corporation S5000PAL Datasheet HTML 70Page - Intel Corporation S5000PAL Datasheet HTML 71Page - Intel Corporation S5000PAL Datasheet HTML 72Page - Intel Corporation S5000PAL Datasheet HTML 73Page - Intel Corporation S5000PAL Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Power and Environmental Specifications
Revision 1.7
Intel order number: D31979-010
71
8.2.2
Power Supply Output Requirements
This section is for reference purposes only. Its intent is to provide guidance to system designers for
determining a proper power supply for use with this server board. The contents of this section specify the
power supply requirements Intel used to develop a power supply for its 1U server platform.
The combined power of all outputs shall not exceed the rated output power of the power supply. The
power supply must meet both static and dynamic voltage regulation requirements for the minimum
loading conditions.
Table 35. 600W Load Ratings
Voltage
Minimum
Continuous
Maximum
Continuous
Peak
+3.3 V
1.5 A
10 A
+5 V
1.0 A
20 A
+12 V1
0.5 A
16 A
18 A
+12 V2
0.5 A
16 A
18 A
+12 V3
0.5 A
16 A
+12 V4
0.5 A
16 A
-12 V
0 A
0.5 A
+5 VSB
0.1 A
3.0 A
3.5 A
1.
Maximum continuous total DC output power should not exceed 600W.
2.
Peak load on the combined 12 V output shall not exceed 49A.
3.
Maximum continuous load on the combined 12 V output shall not exceed 44A.
4.
Peak total DC output power should not exceed 650W.
5.
Peak power and current loading shall be supported for a minimum of 12 seconds.
6.
Combined 3.3V and 5V power shall not exceed 100W.
8.2.3 Turn On No Load Operation
At power on the system shall present a no load condition to the power supply. In this no load state the
voltage regulation limits for the 3.3V and 5V are relaxed to +/-10% and the +12V rails relaxed to +10/-8%.
When operating loads are applied the voltages must regulated to there normal limits.
Table 36: No load operating range
Voltage
Minimum
Continuous
Maximum
Continuous
Peak
+3.3 V
0 A
7 A
+5 V
0 A
5 A
+12 V1
0 A
5 A
7 A
+12 V2
0 A
5 A
7 A
+12 V3
0 A
6 A
+12 V4
0 A
5 A
-12 V
0 A
0.5 A
+5 VSB
0.1 A
3.0 A
3.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com