Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 20 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 20 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 16Page - Intel Corporation S5000PAL Datasheet HTML 17Page - Intel Corporation S5000PAL Datasheet HTML 18Page - Intel Corporation S5000PAL Datasheet HTML 19Page - Intel Corporation S5000PAL Datasheet HTML 20Page - Intel Corporation S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation S5000PAL Datasheet HTML 23Page - Intel Corporation S5000PAL Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Product Overview
Revision 1.7
Intel order number: D31979-010
21
TP02293
H < 10mm [0.394"]
PCI BKT DROP DOWN
170.64 [6.718]
184.12 [7.249]
273.02 [10.749]
REF ONLY
H < 7 mm [0.275"]
Under Heat Sink
102.77 [4.046]
46.76 [1.841]
18.97 [0.747]
0.18 [0.007]
10.80 [0.425]
H < 3mm [0.118"]
PCI BKT DROP DOWN
H < 12.7 mm [0.499"]
Under LP PCI Option Card
H < 5 mm [0.196"]
PCI BKT Drop Down
3.81 [0.150]
H < 11.65 mm [0.459"]
Under Rear Panel Tab
H < 30 mm [1.181"]
PCI BKT Drop Down
No Components Allowed
for Retention Pins
H < 3.5 mm [0.138"]
for Three Boards
9 x No Components 5.0 dia. on Top
No Components 3.5 dia. on Bottom
H < 12.4 mm [0.488"]
Under Riser PCIe Conn.
H < 26 mm [1.023"]
Under Riser PCI-X Conn.
H < 11.8 mm [0.465"]
Under Riser Card
H < 15.2 mm [0.600"]
Under FH PCI Option Card
264.97 [10.432]
316.00 [12.441]
320.04 [12.600]
234.75 [9.242]
169.98 [6.692]
130.00 [5.118]
10.16 [0.400]
2 x 5.08 [0.200]
3 x 5.08 [0.200]
0.00 [0.000]
2 x 3.07 [0.121]
21.23 [0.836]
28.17 [1.109]
41.96 [1.652]
53.34 [2.100]
60.15 [2.368]
177.47 [6.987]
180.92 [7.123]
188.72 [7.430]
REF ONLY
H < 11 mm [0.433"]
Under Heat Sink
H < 9.5 mm [0.374"]
Under Bridge Board
4 x 7.62 [0.300]
Figure 6. Intel® Server Board S5000PAL / S5000XAL – Restricted Areas on Side 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com