Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 75 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 75 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 71Page - Intel Corporation S5000PAL Datasheet HTML 72Page - Intel Corporation S5000PAL Datasheet HTML 73Page - Intel Corporation S5000PAL Datasheet HTML 74Page - Intel Corporation S5000PAL Datasheet HTML 75Page - Intel Corporation S5000PAL Datasheet HTML 76Page - Intel Corporation S5000PAL Datasheet HTML 77Page - Intel Corporation S5000PAL Datasheet HTML 78Page - Intel Corporation S5000PAL Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
Power and Environmental Specifications
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
76
Table 42. Turn On/Off Timing
Item
Description
MIN
MAX
UNITS
Tsb_on_delay
Delay from AC being applied to 5VSB being within regulation.
1500
msec
Tac_on_delay
Delay from AC being applied to all output voltages being within
regulation.
2500
msec
Tvout_holdup
Time all output voltages stay within regulation after loss of AC.
Measured at 60% of maximum load.
21
msec
Tpwok_holdup
Delay from loss of AC to de-assertion of PWOK. Measured at
60% of maximum load.
20
msec
Tpson_on_delay
Delay from PSON
# active to output voltages within regulation
limits.
5
400
msec
Tpson_pwok
Delay from PSON
# de-active to PWOK being de-asserted.
50
msec
Tpwok_on
Delay from output voltages within regulation limits to PWOK
asserted at turn on.
100
500
msec
Tpwok_off
Delay from PWOK de-asserted to output voltages (3.3V, 5V,
12V, -12V) dropping out of regulation limits.
1
msec
Tpwok_low
Duration of PWOK being in the de-asserted state during an
off/on cycle using AC or the PSON signal.
100
msec
Tsb_vout
Delay from 5VSB being in regulation to O/Ps being in
regulation at AC turn on.
50
1000
msec
T5VSB_holdup
Time the 5VSB output voltage stays within regulation after loss
of AC.
70
msec
V out
AC Input
PWOK
5 VSB
PSON
TP02314
Tvout_holdup
TAC_on_delay
Tsb_on_delay
Tpwok_on
AC turn on/off cycle
PSON turn on/off cycle
Tsb_vout
T5VSB_holdup
Tpwok_holdup
Tpwok_off
Tpwok_low
Tpson_on_delay
Tsb_on_delay
Tpwok_on
Tpwok_off
Tpson_pwok
Figure 27. Turn On/Off Timing (Power Supply Signals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com