Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 43 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 43 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 39Page - Intel Corporation S5000PAL Datasheet HTML 40Page - Intel Corporation S5000PAL Datasheet HTML 41Page - Intel Corporation S5000PAL Datasheet HTML 42Page - Intel Corporation S5000PAL Datasheet HTML 43Page - Intel Corporation S5000PAL Datasheet HTML 44Page - Intel Corporation S5000PAL Datasheet HTML 45Page - Intel Corporation S5000PAL Datasheet HTML 46Page - Intel Corporation S5000PAL Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
44
Connector
Quantity
Reference Designators
Connector Type
Pin
Count
System Recovery
Setting Jumpers
4
J1D1, J1D2, J1D3, J3H1
Jumper
3
5.2
Power Connectors
The main power supply connection is obtained using an SSI compliant 2x12 pin connector (J3K3). In
addition, there are two additional power related connectors; one SSI compliant 2x4 pin power connector
(J3K4) providing support for additional 12V, and one SSI compliant 1x5 pin connector (J1K1) providing
I
2C monitoring of the power supply. The following tables define the connector pin-outs.
Table 10. Power Connector Pin-out (J3K3)
Pin
Signal
Color
Pin
Signal
Color
1
+3.3Vdc
Orange
13
+3.3Vdc
Orange
2
+3.3Vdc
Orange
14
-12Vdc
Blue
3
GND
Black
15
GND
Black
4
+5Vdc
Red
16
PS_ON#
Green
5
GND
Black
17
GND
Black
6
+5Vdc
Red
18
GND
Black
7
GND
Black
19
GND
Black
8
PWR_OK
Gray
20
RSVD_(-5V)
White
9
5VSB
Purple
21
+5Vdc
Red
10
+12Vdc
Yellow
22
+5Vdc
Red
11
+12Vdc
Yellow
23
+5Vdc
Red
12
+3.3Vdc
Orange
24
GND
Black
Table 11. 12V Power Connector Pin-out (J3K4)
Pin
Signal
Color
1
GND
Black
2
GND
Black
3
GND
Black
4
GND
Black
5
+12Vdc
Yellow/Black
6
+12Vdc
Yellow/Black
7
+12Vdc
Yellow/Black
8
+12Vdc
Yellow/Black
Table 12. Power Supply Signal Connector Pin-out (J1K1)
Pin
Signal
Color
1
SMB_CLK_ESB_FP_PWR_R
Orange
2
SMB_DAT_ESB_FP_PWR_R
Black
3
SMB_ALRT_3_ESB_R
Red
4
3.3V SENSE-
Yellow
5
3.3V SENSE+
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com