Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 87 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 87 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 83Page - Intel Corporation S5000PAL Datasheet HTML 84Page - Intel Corporation S5000PAL Datasheet HTML 85Page - Intel Corporation S5000PAL Datasheet HTML 86Page - Intel Corporation S5000PAL Datasheet HTML 87Page - Intel Corporation S5000PAL Datasheet HTML 88Page - Intel Corporation S5000PAL Datasheet HTML 89Page - Intel Corporation S5000PAL Datasheet HTML 90Page - Intel Corporation S5000PAL Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
Appendix B: Sensor Tables
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
88
Sensor
Name
Sensor
Number
System
Applica-
bility
Sensor Type
Event /
Reading
Type
Event Offset
Triggers
Criticality
Assert /
De-assert
Readable
Value /
Offsets
Event Data
Rearm
Standby
System
Event
('System
Event')
0Bh
All
System Event
12h
Sensor
Specific
6Fh
00 – System
reconfigured
04 – PEF action
OK
As
–
Trig Offset
A
X
BB +1.2V
Vtt
10h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB+1.9V
NIC Core
11h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
X
BB +1.5V
AUX
12h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB +1.5V
13h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB +1.8V
14h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB +3.3V
15h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB +3.3V
STB
16h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
X
BB +1.5V
ESB
17h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
X
BB +5V
18h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB +1.2V
NIC
19h
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB +12V
AUX
1Ah
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB 0.9V
1Bh
All
Voltage
02h
Threshold
01h
[u,l] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
BB Vbat
1Eh
All
Voltage
02h
Digital
Discrete
05h
01h – Limit
exceeded
Critical
As and De
–
R, T
A
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com