Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 47 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 47 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 43Page - Intel Corporation S5000PAL Datasheet HTML 44Page - Intel Corporation S5000PAL Datasheet HTML 45Page - Intel Corporation S5000PAL Datasheet HTML 46Page - Intel Corporation S5000PAL Datasheet HTML 47Page - Intel Corporation S5000PAL Datasheet HTML 48Page - Intel Corporation S5000PAL Datasheet HTML 49Page - Intel Corporation S5000PAL Datasheet HTML 50Page - Intel Corporation S5000PAL Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
48
Pin Side B
PCI Spec Signal
Pin Side A
PCI Spec Signal
20
PE4_MCH_TXN_C <3..0>
1
20
GND
21
GND
21
PE4_MCH_RXP <3..0>
1
22
GND
22
PE4_MCH_RXN <3..0>
1
23
PE4_MCH_TXP_C <3..0>
2
23
GND
24
PE4_MCH_TXN_C <3..0>
2
24
GND
25
GND
25
PE4_MCH_RXP <3..0>
2
26
GND
26
PE4_MCH_RXN <3..0>
2
27
PE4_MCH_TXP_C <3..0>
3
27
GND
28
PE4_MCH_TXN_C <3..0>
3
28
GND
29
GND
29
PE4_MCH_RXP <3..0>
3
30
P3V3
30
PE4_MCH_RXN <3..0>
3
31
31
GND
32
GND
32
CLK_100M_LP_PCIE_SLOT2_P
33
PE5_MCH_TXP_C <3..0>
0
33
CLK_100M_LP_PCIE_SLOT2_N
34
PE5_MCH_TXN_C <3..0>
0
34
GND
35
GND
35
PE5_MCH_RXP <3..0>
0
36
GND
36
PE5_MCH_RXN <3..0>
0
37
PE5_MCH_TXP_C <3..0>
1
37
GND
38
PE5_MCH_TXN_C <3..0>
1
38
GND
39
GND
39
PE5_MCH_RXP <3..0>
1
40
GND
40
PE5_MCH_RXN <3..0>
1
41
PE5_MCH_TXP_C <3..0>
2
41
GND
42
PE5_MCH_TXN_C <3..0>
2
42
GND
43
GND
43
PE5_MCH_RXP <3..0>
2
44
GND
44
PE5_MCH_RXN <3..0>
2
45
PE5_MCH_TXP_C <3..0>
3
45
GND
46
PE5_MCH_TXN_C <3..0>
3
46
GND
47
GND
47
PE5_MCH_RXP <3..0>
3
48
FM_LP_RISER_TYPE1
48
PE5_MCH_RXN <3..0>
3
49
FM_LP_RISER_TYPE0
49
GND
Table 18. Full-height Riser Slot Pin-out (J4F1)
Pin-Side B PCI Spec Signal Pin-Side A PCI Spec Signal
140
12V
140
12V
139
12V
139
12V
138
Ground
138
GND
137
-12V
137
3.3VAux
136
12V
136
Wake#
135
GND
135
12V
134
REFCLK2+
134
3.3V
133
REFCLK2+
133
PERST_N
132
GND
132
GND
131
GND
131
REFCLK1+
130
HSOp(0)
130
REFCLK1+
129
HSOn(0)
129
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com