Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 77 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 77 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 73Page - Intel Corporation S5000PAL Datasheet HTML 74Page - Intel Corporation S5000PAL Datasheet HTML 75Page - Intel Corporation S5000PAL Datasheet HTML 76Page - Intel Corporation S5000PAL Datasheet HTML 77Page - Intel Corporation S5000PAL Datasheet HTML 78Page - Intel Corporation S5000PAL Datasheet HTML 79Page - Intel Corporation S5000PAL Datasheet HTML 80Page - Intel Corporation S5000PAL Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
Regulatory and Certification Information
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
78
9.
Regulatory and Certification Information
9.1 Product Regulatory Compliance
Intended Application
– This product was evaluated as Information Technology Equipment (ITE), which
may be installed in offices, schools, computer rooms, and similar commercial type locations. The
suitability of this product for other product categories and environments (such as: medical, industrial,
telecommunications, NEBS, residential, alarm systems, test equipment, etc.), other than an ITE
application, may require further evaluation. This is an FCC Class A device. Integration of it into a Class B
chassis does not result in a Class B device.
The following table references Server Board Compliance and markings that may appear on the
product. Markings below are typical markings however, may vary or be different based on how
certification is obtained.
Note: Certifications Emissions requirements are to Class A
9.1.1
Product Safety & Electromagnetic (EMC) Compliance
Compliance Regional
Description
Compliance
Reference
Compliance Reference Marking
Example
Australia / New Zealand AS/NZS 3548 (Emissions)
N232
CSA 60950 – UL 60950
(Safety)
Canada / USA
Industry Canada ICES-003
(Emissions)
CANADA ICES-003 CLASS A
CANADA NMB-003 CLASSE A
CENELEC Europe
Low Voltage Directive 93/68/EEC;
EMC Directive 89/336/EEC
EN55022 (Emissions)
EN55024 (Immunity)
CE Declaration of Conformity
International
CB Certification – IEC60950
CISPR 22 / CISPR 24
None Required
Korea
RRL Certification
MIC Notice No. 1997-41 (EMC)
& 1997-42 (EMI)
인증번호
: CPU-Model Name (A)
D33025
Taiwan
BSMI CNS13438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com