Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 96 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 96 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 92Page - Intel Corporation S5000PAL Datasheet HTML 93Page - Intel Corporation S5000PAL Datasheet HTML 94Page - Intel Corporation S5000PAL Datasheet HTML 95Page - Intel Corporation S5000PAL Datasheet HTML 96Page - Intel Corporation S5000PAL Datasheet HTML 97Page - Intel Corporation S5000PAL Datasheet HTML 98Page - Intel Corporation S5000PAL Datasheet HTML 99Page - Intel Corporation S5000PAL Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Appendix B: Sensor Tables
Revision 1.7
Intel order number: D31979-010
97
Sensor
Name
Sensor
Number
System
Applica-
bility
Sensor Type
Event /
Reading
Type
Event Offset
Triggers
Criticality
Assert /
De-assert
Readable
Value /
Offsets
Event Data
Rearm
Standby
Device installed OK
Disabled
Degraded
21h
6Fh
Sparing
OK
Fault status
asserted
Degraded
Device installed OK
Disabled
Degraded
DIMM B1
E2h
All
Slot
Connector
21h
Sensor
Specific
6Fh
Sparing
OK
As
–
Trig Offset
A
–
Fault status
asserted
Degraded
Device installed OK
Disabled
Degraded
DIMM B2
E3h
All
Slot
Connector
21h
Sensor
Specific
6Fh
Sparing
OK
As
–
Trig Offset
A
–
Fault status
asserted
Degraded
Device installed OK
Disabled
Degraded
DIMM C1
E4h
All
Slot
Connector
21h
Sensor
Specific
6Fh
Sparing
OK
As
–
Trig Offset
A
–
Fault status
asserted
Degraded
Device installed OK
Disabled
Degraded
DIMM C2
E5h
All
Slot
Connector
21h
Sensor
Specific
6Fh
Sparing
OK
As
–
Trig Offset
A
–
Fault status
asserted
Degraded
Device installed OK
Disabled
Degraded
DIMM D1
E6h
All
Slot
Connector
21h
Sensor
Specific
6Fh
Sparing
OK
As
–
Trig Offset
A
–
DIMM D2
E7h
All
Slot
Connector
Sensor
Specific
Fault status
asserted
Degraded
As
–
Trig Offset
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com