Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 71 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 71 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 67Page - Intel Corporation S5000PAL Datasheet HTML 68Page - Intel Corporation S5000PAL Datasheet HTML 69Page - Intel Corporation S5000PAL Datasheet HTML 70Page - Intel Corporation S5000PAL Datasheet HTML 71Page - Intel Corporation S5000PAL Datasheet HTML 72Page - Intel Corporation S5000PAL Datasheet HTML 73Page - Intel Corporation S5000PAL Datasheet HTML 74Page - Intel Corporation S5000PAL Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
Power and Environmental Specifications
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
72
8.2.4
Grounding
The grounds of the pins of the power supply output connector provide the power return path. The output
connector ground pins shall be connected to safety ground (power supply enclosure). This grounding
should be well designed to ensure passing the maximum allowed Common Mode Noise levels.
The power supply shall be provided with a reliable protective earth ground. All secondary circuits shall be
connected to protective earth ground. Resistance of the ground returns to chassis shall not exceed 1.0
m
Ω. This path may be used to carry DC current.
8.2.5
Standby Outputs
The 5VSB output shall be present when an AC input greater than the power supply turn on voltage is
applied.
8.2.6
Remote Sense
The power supply has remote sense return (ReturnS) to regulate out ground drops for all output voltages:
+3.3V, +5V, +12V1, +12V2, +12V3, -12V, and 5VSB. The power supply uses remote sense (3.3VS) to
regulate out drops in the system for the +3.3V output. The +5V, +12V1, +12V2, +12V3, –12V and 5VSB
outputs only use remote sense referenced to the ReturnS signal. The remote sense input impedance to
the power supply must be greater than 200
Ω on 3.3VS and 5VS; this is the value of the resistor
connecting the remote sense to the output voltage internal to the power supply. Remote sense must be
able to regulate out a minimum of a 200 mV drop on the +3.3V output. The remote sense return
(ReturnS) must be able to regulate out a minimum of a 200 mV drop in the power ground return. The
current in any remote sense line shall be less than 5 mA to prevent voltage sensing errors. The power
supply must operate within specification over the full range of voltage drops from the power supply’s
output connector to the remote sense points.
8.2.7
Voltage Regulation
The power supply output voltages must stay within the following voltage limits when operating at steady
state and dynamic loading conditions. These limits include the peak-peak ripple/noise.
Table 37. Voltage Regulation Limits
PARAMETER
TOLERANCE
MIN
NOM
MAX
UNITS
+ 3.3V
- 5% / +5%
+3.14
+3.30
+3.46
Vrms
+ 5V
- 5% / +5%
+4.75
+5.00
+5.25
Vrms
+ 12V1,2,3,4
- 5% / +5%
+11.40
+12.00
+12.60
Vrms
- 12V
- 5% / +9%
-10.80
-12.00
-13.20
Vrms
+ 5VSB
- 5% / +5%
+4.75
+5.00
+5.25
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com