Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 90 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 90 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 86Page - Intel Corporation S5000PAL Datasheet HTML 87Page - Intel Corporation S5000PAL Datasheet HTML 88Page - Intel Corporation S5000PAL Datasheet HTML 89Page - Intel Corporation S5000PAL Datasheet HTML 90Page - Intel Corporation S5000PAL Datasheet HTML 91Page - Intel Corporation S5000PAL Datasheet HTML 92Page - Intel Corporation S5000PAL Datasheet HTML 93Page - Intel Corporation S5000PAL Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Appendix B: Sensor Tables
Revision 1.7
Intel order number: D31979-010
91
Sensor
Name
Sensor
Number
System
Applica-
bility
Sensor Type
Event /
Reading
Type
Event Offset
Triggers
Criticality
Assert /
De-assert
Readable
Value /
Offsets
Event Data
Rearm
Standby
Redun degrade
from full
Redun degrade
from non-
redundant
OK
Presence
OK
Failure
Critical
Predictive fail
Non-Critical
A/C lost
Critical
Power
Supply
Status 1
70h
Chassis-
specific
Power Supply
08h
Sensor
Specific
6Fh
Configuration
error
Non-Critical
As and De
–
Trig Offset
A
X
Presence
OK
Failure
Critical
Predictive fail
Non-Critical
A/C lost
Critical
Power
Supply
Status 2
71h
Chassis-
specific
Power Supply
08h
Sensor
Specific
6Fh
Configuration
error
Non-Critical
As and De
–
Trig Offset
A
X
Power
Nozzle
Power
Supply 1
78h
Chassis-
specific
Current
03h
Threshold
01h
[u] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
Power
Nozzle
Power
Supply 2
79h
Chassis-
specific
Current
03h
Threshold
01h
[u] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–
Power
Gauge
V1 rail
(+12v)
Power
Supply 1
7Ah
Chassis-
specific
Current
03h
Threshold
01h
[u] [c,nc]
Threshold
defined
As and De
Analog
R, T
A
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com