Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 45 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 45 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 41Page - Intel Corporation S5000PAL Datasheet HTML 42Page - Intel Corporation S5000PAL Datasheet HTML 43Page - Intel Corporation S5000PAL Datasheet HTML 44Page - Intel Corporation S5000PAL Datasheet HTML 45Page - Intel Corporation S5000PAL Datasheet HTML 46Page - Intel Corporation S5000PAL Datasheet HTML 47Page - Intel Corporation S5000PAL Datasheet HTML 48Page - Intel Corporation S5000PAL Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
Connector / Header Locations and Pin-outs
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
46
Pin
Signal Name
Pin
Signal Name
73
V_LCDDATA23
74
V_LCDDATA13
75
V_LCDDATA22
76
V_LCDDATA12
77
V_LCDDATA21
78
V_LCDDATA11
79
V_LCDDATA20
80
GND
81
V_LCDDATA19
82
V_LCDCNTL2
83
GND
84
V_DVO_DDC_SDA
85
FM_MAN_LAN_TYPE1
86
V_DVO_DDC_SCL
87
FM_MAN_LAN_TYPE1
88
RST_PS_PWRGD
89
Reserved - NC
90
Reserved - NC
91
Reserved - NC
92
Reserved - NC
93
MII_MDC_RMII_SPARE
94
Reserved - NC
95
MII_COL_RMIIB_RXER
96
GND
97
GND
98
MII_CRS_RMIIB_CRS
99
MII_TXER_RMIIB_TXEN
100 MII_TXCLK_RMIIB_RXCLK
101 MII_MDIO_RMIIB_PRESENT 102
GND
103
GND
104
MII_TXD3_RMIIB_TXD1
105
MII_RXD3_RMIIB_RXD1
106
MII_TXD2_RMIIB_TXD0
107
MII_RXD2_RMIIB_RXD0
108
GND
109
GND
110
MII_TXD1_RMIIA_TXD1
111
MII_RXD1_RMIIA_RXD1
112
MII_TXD0_RMIIA_TXD0
113
MII_RXD0_RMIIA_RXD0
114
GND
115
GND
116
MII_TXEN_RMIIA_TXEN
117
MII_RXCLK
118
MII_RXER_RMIIA_TXER
119
MII_RXDV_RMIIA_CRS
120
GND
5.3.2
Intel
® RMM NIC Connector
The server board provides an internal 30-pin mezzanine style connector (J1B2) to accommodate a
proprietary form factor RMM NIC module. The following table details the pin-out of the RMM NIC module
connector.
Table 14. 30-pin Intel
® RMM NIC Module Connector Pin-out (J1B2)
Pin
Signal Name
Pin
Signal Name
1
FM_MAN_LAN_TYPE2
2
MII_MDC_RMII_SPARE
3
FM_MAN_LAN_TYPE1
4
MII_COL_RMIIB_RXER
5
GND
6
GND
7
MII_TXCLK_RMIIB_RXCLK
8
MII_TXER_RMIIB_TXEN
9
MII_CRS_RMIIB_CRS
10
MII_MDIO_RMIIB_PRESENT
11
GND
12
GND
13
MII_TXD2_RMIIB_TXD0
14
MII_RXD3_RMIIB_RXD1
15
MII_TXD1_RMIIA_TXD1
16
MII_RXD3_RMIIB_RXD0
17
GND
18
GND
19
MII_TXD3_RMIIB_TXD1
20
MII_RXD1_RMIIA_RXD1
21
MII_TXD0_RMIIA_TXD0
22
MII_RXD0_RMIIA_RXD0
23
GND
24
GND
25
MII_TXEN_RMIIA_TXEN
26
MII_RXCLK
27
P3V3_AUX
28
P3V3_AUX
29
MII_RXER_RMIIA_RXER
30
MII_RXDV_RMIIA_CRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com