Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 34 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 34 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 30Page - Intel Corporation S5000PAL Datasheet HTML 31Page - Intel Corporation S5000PAL Datasheet HTML 32Page - Intel Corporation S5000PAL Datasheet HTML 33Page - Intel Corporation S5000PAL Datasheet HTML 34Page - Intel Corporation S5000PAL Datasheet HTML 35Page - Intel Corporation S5000PAL Datasheet HTML 36Page - Intel Corporation S5000PAL Datasheet HTML 37Page - Intel Corporation S5000PAL Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Functional Architecture
Revision 1.7
Intel order number: D31979-010
35
Full Height PCI Express*
Riser
1 add-in card populated
2 add-in cards populated
3 add-in cards populated
1U – 1 add-in card slot
x4 or x8
NA
NA
2U – 3 add-in card slots
Single PCIe* x4 in either
slot or x8 in middle slot
Or
PCI-X* – Up to 133MHz in
bottom slot
Single PCIe* – x4 in either
slot or x8 in middle slot and
PCI-X* – Up to 133MHz
Or
Dual PCIe – x4
Dual PCIe* – x4
And
PCI-X* – Up to 133MHz
3.2.2
Serial ATA Support
The ESB-2 has an integrated Serial ATA (SATA) controller that supports independent DMA operation on
six ports and supports data transfer rates of up to 3.0 Gb/s. The six SATA ports on the server board are
numbered SATA-0 thru SATA-5. The SATA ports can be enabled/disabled and/or configured by
accessing the BIOS Setup Utility during POST.
3.2.2.1
Intel
® Embedded Server RAID Technology II Support
The onboard storage capability of this server board includes support for Intel
® Embedded Server RAID
Technology which provides three standard software RAID levels: data stripping (RAID Level 0), data
mirroring (RAID Level 1), and data stripping with mirroring (RAID Level 10). For higher performance,
data stripping can be used to alleviate disk bottlenecks by taking advantage of the dual independent DMA
engines that each SATA port offers. Data mirroring is used for data security. Should a disk fail, a mirrored
copy of the failed disk is brought on-line. There is no loss of either PCI resources (request/grant pair) or
add-in card slots.
With the addition of an optional Intel RAID Activation Key, Intel
® Embedded Server RAID Technology is
also capable of providing fault tolerant data stripping (software RAID Level 5), such that if a SATA hard
drive should fail, the lost data can be restored on a replacement drive from the other drives that make up
the RAID 5 pack.
See Figure 1. Components & Connector Location Diagram for the location of Intel RAID Activation Key
connector location.
Note:
Availability of the Intel RAID Activation Key to support software RAID 5 will be deferred until after
product launch of this server board.
Intel
® Embedded Server RAID Technology functionality requires the following items:
•
Intel
® ESB-2 IO Controller Hub
•
Intel
® Embedded Server RAID Technology Option ROM
•
Intel
® Application Accelerator RAID Edition drivers, most recent revision
•
At least two SATA hard disk drives
Intel
® Embedded Server RAID Technology is not available in the following configurations:
•
The SATA controller in compatible mode
•
Intel
® Embedded Server RAID Technology has been disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com