Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 21 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 21 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 17Page - Intel Corporation S5000PAL Datasheet HTML 18Page - Intel Corporation S5000PAL Datasheet HTML 19Page - Intel Corporation S5000PAL Datasheet HTML 20Page - Intel Corporation S5000PAL Datasheet HTML 21Page - Intel Corporation S5000PAL Datasheet HTML 22Page - Intel Corporation S5000PAL Datasheet HTML 23Page - Intel Corporation S5000PAL Datasheet HTML 24Page - Intel Corporation S5000PAL Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
Product Overview
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
22
TP02294
0.00 [0.000]
320.04 [12.600]
10.16 [0.400]
10.13 [0.399]
257.73 [10.147]
2 X 5.00 [0.197]
H < 1.47 mm [0.058"] Typ.
3 X 3.99 [0.157]
3.00 [0.118]
Ø 2.000 [50.8 mm] Typ.
15.24 [0.600] Typ.
5.08 [0.200] Typ.
20.32 [0.800] Typ.
Limited Height 1.27 mm
[0.05"] on Side 2
H < 2 mm
[0.078]
200.03 [7.875]
4 x 4.45 [0.175]
180.34 [7.100]
276.86 [10.900]
Limited Height 1.27 mm [0.05"]
on Side 2, Dia. 29.5 mm [1.160"]
Backside Spring Area.
No Motherboard Component
Placement Allowed.
No Components or
Surface Layer Traces
in this Zone.
Ø 29.46 [1.160] Typ.
0.200" [5.08 mm Max] Keep IN
for 2U and above Platforms.
0.100" [2.54 mm Max] Keep IN
for 1U Platforms on Side 2.
3 Ground Pad
on Side 2
Figure 7. Intel® Server Board S5000PAL / S5000XAL – Restricted Areas on Side 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com