Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 38 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 38 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 34Page - Intel Corporation S5000PAL Datasheet HTML 35Page - Intel Corporation S5000PAL Datasheet HTML 36Page - Intel Corporation S5000PAL Datasheet HTML 37Page - Intel Corporation S5000PAL Datasheet HTML 38Page - Intel Corporation S5000PAL Datasheet HTML 39Page - Intel Corporation S5000PAL Datasheet HTML 40Page - Intel Corporation S5000PAL Datasheet HTML 41Page - Intel Corporation S5000PAL Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Functional Architecture
Revision 1.7
Intel order number: D31979-010
39
3.5
Super I/O
Legacy I/O support is provided by using a National Semiconductor* PC87427 Super I/O device. This chip
contains all of the necessary circuitry to support the following functions:
•
GPIOs
•
Two serial ports
•
Keyboard and mouse support
•
Wake up control
•
System health support
3.5.1.1
Serial Ports
The server board provides two serial ports: an external RJ45 serial port, and an internal DH10 serial
header.
Serial A is an optional port accessed through a 9-pin internal DH-10 header. A standard DH10 to DB9
cable can be used to direct the Serial A port to the rear of a chassis. The Serial A interface follows the
standard RS232 pin-out as defined in the following table.
Table 7. Serial A Header Pin-out
Pin
Signal Name
Serial Port A Header Pin-out
1
DCD
2
DSR
3
RX
4
RTS
5
TX
6
CTS
7
DTR
8
RI
9
GND
The rear RJ45 Serial B port is a fully functional serial port that can support any standard serial device.
Using an RJ45 connector for a serial port allows direct support for serial port concentrators, which
typically use RJ45 connectors and are widely used in the high-density server market. For server
applications that use a serial concentrator to access the system management features of the server
board, a standard 8-pin CAT-5 cable from the serial concentrator is plugged directly into the rear RJ45
serial port.
To allow support for either of two serial port configuration standards, a jumper block located directly
behind the rear RJ45 serial port must be configured appropriately according to the desired standard. For
serial concentrators that require a DCD signal, the jumper block must be configured with the serial port
jumper over pins 1 and 2. For serial concentrators that require a DSR signal (Default), the jumper block
must be configured with the serial port jumper over pins 3 and 4. Pin 1 on the jumper is identified by “*”.
Note:
By default, the rear RJ45 serial port is configured to support a DSR signal. This configuration is
compatible with the Cisco* standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com