Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 63 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 63 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 59Page - Intel Corporation S5000PAL Datasheet HTML 60Page - Intel Corporation S5000PAL Datasheet HTML 61Page - Intel Corporation S5000PAL Datasheet HTML 62Page - Intel Corporation S5000PAL Datasheet HTML 63Page - Intel Corporation S5000PAL Datasheet HTML 64Page - Intel Corporation S5000PAL Datasheet HTML 65Page - Intel Corporation S5000PAL Datasheet HTML 66Page - Intel Corporation S5000PAL Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
Light Guided Diagnostics
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
64
7.
Light Guided Diagnostics
The server board has several on-board diagnostic LEDs to assist in troubleshooting board level issues.
This section shows where each LED is located and provides a high level usage description. For a more
detailed description of what drives the diagnostic LED operation, refer to the Intel
® S5000 Series Chipsets
Server Board Family Datasheet.
7.1
5-Volt Standby LED
Several server management features of this server board require that a 5 volt stand-by voltage be
supplied from the power supply. Some of the features and components that require this voltage be
present when the system is “Off” include the BMC within the ESB-2, onboard NICs, and optional Intel
®
RMM.
The LED located just below the system recovery jumper block labeled “5V STBY” is illuminated when AC
power is applied to the platform and 5 Volt standby voltage is supplied to the server board by the power
supply.
TP02307
Figure 20. 5V Standby Status LED Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com