Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 73 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 73 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 69Page - Intel Corporation S5000PAL Datasheet HTML 70Page - Intel Corporation S5000PAL Datasheet HTML 71Page - Intel Corporation S5000PAL Datasheet HTML 72Page - Intel Corporation S5000PAL Datasheet HTML 73Page - Intel Corporation S5000PAL Datasheet HTML 74Page - Intel Corporation S5000PAL Datasheet HTML 75Page - Intel Corporation S5000PAL Datasheet HTML 76Page - Intel Corporation S5000PAL Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
Power and Environmental Specifications
Intel
® Server Board S5000PAL / S5000XAL TPS
Revision 1.7
Intel order number: D31979-010
74
8.2.12
Ripple / Noise
The maximum allowed ripple/noise output of the power supply is defined in the following table. This is
measured over a bandwidth of 0Hz to 20MHz at the power supply output connectors. A 10
μF tantalum
capacitor in parallel with a 0.1
μF ceramic capacitor are placed at the point of measurement.
Table 40. Ripple and Noise
+3.3V
+5V
+12V1/2/3/4
-12V
+5VSB
50mVp-p
50mVp-p
120mVp-p
120mVp-p
50mVp-p
8.2.13
Soft Starting
The power supply shall contain a control circuit which provides a monotonic soft start for its outputs
without overstress of the AC line or any power supply components at any specified AC line or load
conditions. There is no requirement for rise time on the 5 V standby, but the turn on/off shall be
monotonic.
8.2.14
Timing Requirements
These are the timing requirements for the power supply operation. The output voltages must rise from
10% to within regulation limits (Tvout_rise) within 5 to 70 ms, except for 5VSB; it is allowed to rise from 1.0 to
25 ms. All outputs must rise monotonically. Each output voltage shall reach regulation within 50 ms
(Tvout_on) of each other during turn on of the power supply. Each output voltage shall fall out of regulation
within 400 msec (Tvout_off) of each other during turn off. The following diagrams show the timing
requirements for the power supply being turned on and off via the AC input with PSON held low, and the
PSON signal with the AC input applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com