Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5000PAL Datasheet(PDF) 80 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 80 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 76Page - Intel Corporation S5000PAL Datasheet HTML 77Page - Intel Corporation S5000PAL Datasheet HTML 78Page - Intel Corporation S5000PAL Datasheet HTML 79Page - Intel Corporation S5000PAL Datasheet HTML 80Page - Intel Corporation S5000PAL Datasheet HTML 81Page - Intel Corporation S5000PAL Datasheet HTML 82Page - Intel Corporation S5000PAL Datasheet HTML 83Page - Intel Corporation S5000PAL Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Regulatory and Certification Information
Revision 1.7
Intel order number: D31979-010
81
9.3
Product Ecology Compliance
Intel has a system in place to restrict the use of banned substances in accordance with world wide
product ecology regulatory requirements. The following is Intel’s product ecology compliance criteria.
Compliance Regional
Description
Compliance Reference
Compliance Reference
Marking Example
California
California Code of Regulations, Title 22, Division 4.5;
Chapter 33: Best Management Practices for
Perchlorate Materials.
Special handling may
apply. See
www.dtsc.ca.gov/hazar
douswaste/perchlorate
This notice is required by
California Code of
Regulations, Title 22,
Division 4.5; Chapter 33:
Best Management
Practices for Perchlorate
Materials. This product /
part include a battery
which contains
Perchlorate material.
China RoHS
Administrative Measures on the Control of Pollution
Caused by Electronic Information Products” (EIP) #39.
Referred to as China RoHS.
Mark requires to be applied to retail products only.
Mark used is the Environmental Friendly Use Period
(EFUP). Number represents years.
China
China Recycling (GB18455-2001)
Mark requires to be applied to be retail product only.
Marking applied to bulk packaging and single
packages. Not applied to internal packaging such as
plastics, foams, etc.
Intel Internal
Specification
All materials, parts and subassemblies must not
contain restricted materials as defined in Intel’s
Environmental Product Content Specification
of
Suppliers and Outsourced Manufacturers –
http://supplier.intel.com/ehs/environmental.htm
None Required
Europe
European Directive 2002/95/EC
-
Restriction of Hazardous Substances (RoHS)
Threshold limits and banned substances are
noted below.
Quantity limit of 0.1% by mass (1000 PPM) for:
Lead, Mercury, Hexavalent Chromium,
Polybrominated Biphenyls Diphenyl Ethers
(PBB/PBDE)
Quantity limit of 0.01% by mass (100 PPM) for:
Cadmium
None Required
Germany
German Green Dot
Applied to Retail Packaging Only for Boxed Boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com